Electronic Components Datasheet Search
  English  ▼

X  

LTC2421 Datasheet(PDF) 30 Page - Linear Technology

Part # LTC2421
Description  1-/2-Channel 20-Bit UPower No Latency ADCs in MSOP-10
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2421 Datasheet(HTML) 30 Page - Linear Technology

Back Button LTC2421 Datasheet HTML 24Page - Linear Technology LTC2421 Datasheet HTML 25Page - Linear Technology LTC2421 Datasheet HTML 26Page - Linear Technology LTC2421 Datasheet HTML 27Page - Linear Technology LTC2421 Datasheet HTML 28Page - Linear Technology LTC2421 Datasheet HTML 29Page - Linear Technology LTC2421 Datasheet HTML 30Page - Linear Technology LTC2421 Datasheet HTML 31Page - Linear Technology LTC2421 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
30
LTC2421/LTC2422
24212f
APPLICATIO S I FOR ATIO
+
+
FO
SCK
SDO
CS
GND
VCC
FSSET
CH1
CH0
ZSSET
LTC2422
24212 F36
LT1761-5
GND
10
µF
10V
TANT
10
µF
10V
TANT
+
10
µF
16V
TANT
+
10
µF
10V
TANT
10
µF
1
µF
T1
1/2 BAT54C
1/2 BAT54C
ISOLATION
BARRIER
= LOGIC COMMON
= FLOATING COMMON
T1 = COILTRONICS CTX02-14659
OR SIEMENS B78304-A1477-A3
1k
2
2
1
2
1
1
1
2
2
2
2
10
µF
CERAMIC
A
B
Y
Z
RO
RE
DE
DI
VCC2
ST2
G1
VCC1
G2
ST1
“SDO”
“SCK”
LOGIC 5V
IN
OUT
SHDN
BYP
LTC1535
Figure 36. Complete, Isolated 20-Bit Data Acquisition System
Below 4.2V, the LTC1535’s driver outputs Y and Z are in a
high impedance state, allowing the 1k
Ω pull-down to de-
fine the logic state at SCK. When the LTC2422 first be-
comes active, it samples SCK; a logic “0” provided by the
1k
Ω pull-down invokes the external serial clock mode. In
this mode, the LTC2422 is controlled by a single clock line
from the nonisolated side of the barrier, through the
LTC1535’s driver output Y. The entire power-up sequence,
from the time power is applied to VCC1 until the LT1761’s
output has reached 5V, is approximately 1ms.
Data returns to the nonisolated side through the LTC1535’s
receiver at RO. An internal divider on receiver input B sets
a logic threshold of approximately 3.4V at input A, facili-
tating communications with the LTC2422’s SDO output
without the need for any external components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com