Electronic Components Datasheet Search
  English  ▼

X  

LTC2421 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC2421
Description  1-/2-Channel 20-Bit UPower No Latency ADCs in MSOP-10
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2421 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC2421 Datasheet HTML 20Page - Linear Technology LTC2421 Datasheet HTML 21Page - Linear Technology LTC2421 Datasheet HTML 22Page - Linear Technology LTC2421 Datasheet HTML 23Page - Linear Technology LTC2421 Datasheet HTML 24Page - Linear Technology LTC2421 Datasheet HTML 25Page - Linear Technology LTC2421 Datasheet HTML 26Page - Linear Technology LTC2421 Datasheet HTML 27Page - Linear Technology LTC2421 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
24
LTC2421/LTC2422
24212f
In addition to the input current spikes, the input ESD pro-
tection diodes have a temperature dependent leakage cur-
rent. This leakage current, nominally 1nA (
±100nA max),
results in a fixed offset shift of 10
µV for a 10k source
resistance.
The effect of input leakage current is evident for CIN = 0 in
Figures 19 and 22. A leakage current of 3nA results in a
150
µV (30ppm) error for a 50k source resistance. As
RSOURCE gets larger, the switched capacitor input current
begins to dominate.
Reference Current (VREF)
Similar to the analog input, the reference input has a dy-
namic input current. This current has negligible effect on
the offset. However, the reference current at VIN = VREF is
similar to the input current at full-scale. For large values of
reference capacitance (CVREF > 0.01µF), the full-scale er-
ror shift is 0.03ppm/
Ω of external reference resistance
independent of the capacitance at VREF, see Figure 23. If
the capacitance tied to VREF is small (CVREF < 0.01µF), an
input resistance of up to 80k (20pF parasitic capacitance
at VREF) may be tolerated, see Figure 24.
Unlike the analog input, the integral nonlinearity of the
device can be degraded with excessive external RC time
constants tied to the reference input. If the capacitance at
node VREF is small (CVREF < 0.01µF), the reference input
can tolerate large external resistances without reduction
in INL, see Figure 25. If the external capacitance is large
(CVREF > 0.01µF), the linearity will be degraded by
APPLICATIO S I FOR ATIO
RSOURCE (Ω)
1
–50
–40
–30
–20
–10
0
10
10
100
1k
10k
24212 F22
100k
VCC = 5V
VREF = 5V
VIN = 5V
TA = 25°C
CIN = 0.01µF
CIN = 100pF
CIN = 1000pF
CIN = 0pF
Figure 22. Full-Scale Error vs RSOURCE (Small C)
Figure 23. Full-Scale Error vs RVREF (Large C)
Figure 24. Full-Scale Error vs RVREF (Small C)
RESISTANCE AT VREF (Ω)
0
40
50
60
600
800
24212 F23
30
20
200
400
1000
10
0
–10
CVREF = 22µF
CVREF = 10µF
CVREF = 1µF
CVREF = 0.1µF
CVREF = 0.01µF
CVREF = 0.001µF
VCC = 5V
VREF = 5V
VIN = 5V
TA = 25°C
RESISTANCE AT VREF (Ω)
1
300
400
500
1k
10k
24212 F24
200
100
10
100
100k
0
–100
–200
VCC = 5V
VREF = 5V
VIN = 5V
TA = 25°C
CVREF = 0.01µF
CVREF = 100pF
CVREF = 1000pF
CVREF = 0pF
Figure 25. INL Error vs RVREF (Small C)
RESISTANCE AT VREF (Ω)
1
30
40
50
1k
10k
24212 F25
20
10
10
100
100k
0
–10
–20
VCC = 5V
VREF = 5V
TA = 25°C
CVREF = 0.01µF
CVREF = 1000pF
CVREF = 0pF
CVREF = 100pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com