Electronic Components Datasheet Search
  English  ▼

X  

ADRF5032 Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF5032
Description  1 GHz to 60 GHz, Reflective, Silicon SPDT Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5032 Datasheet(HTML) 4 Page - Analog Devices

  ADRF5032 Datasheet HTML 1Page - Analog Devices ADRF5032 Datasheet HTML 2Page - Analog Devices ADRF5032 Datasheet HTML 3Page - Analog Devices ADRF5032 Datasheet HTML 4Page - Analog Devices ADRF5032 Datasheet HTML 5Page - Analog Devices ADRF5032 Datasheet HTML 6Page - Analog Devices ADRF5032 Datasheet HTML 7Page - Analog Devices ADRF5032 Datasheet HTML 8Page - Analog Devices ADRF5032 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Data Sheet
ADRF5032
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 11
Table 1. Electrical Characteristics (Continued)
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
Digital Control Inputs Voltage
VCTL
0
VDD
V
RF Input Power2,3
PIN
f = 3 GHz to 60 GHz, TCASE = 85°C
Through Path
RF signal is applied to RFC or through connected
RF1/RF2
24
dBm
Hot Switching
RF signal is applied to RFC or through connected
RF1/RF2
21
dBm
Case Temperature
TCASE
−40
+105
°C
1 For input linearity performance over frequency, see Figure 12 to Figure 15.
2 For power derating over frequency, see Figure 2.
3 For 105°C operation, the power handling degrades from the TCASE = 85°C specification by 3 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com