Electronic Components Datasheet Search
  English  ▼

X  

ADRF5032 Datasheet(PDF) 7 Page - Analog Devices

Part # ADRF5032
Description  1 GHz to 60 GHz, Reflective, Silicon SPDT Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5032 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADRF5032 Datasheet HTML 3Page - Analog Devices ADRF5032 Datasheet HTML 4Page - Analog Devices ADRF5032 Datasheet HTML 5Page - Analog Devices ADRF5032 Datasheet HTML 6Page - Analog Devices ADRF5032 Datasheet HTML 7Page - Analog Devices ADRF5032 Datasheet HTML 8Page - Analog Devices ADRF5032 Datasheet HTML 9Page - Analog Devices ADRF5032 Datasheet HTML 10Page - Analog Devices ADRF5032 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Data Sheet
ADRF5032
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 7 of 11
INSERTION LOSS, RETURN LOSS, AND ISOLATION
VDD = 3.3 V, VSS = –3.3 V, VCTRL = 0 V or VDD, and TCASE = 25°C, and a 50 Ω system, unless otherwise noted. RFx refers to RF1 to RF2.
Figure 8. Insertion Loss vs. Frequency RF1 and RF2
Figure 9. Return Loss vs. Frequency
Figure 10. Insertion Loss vs. Frequency over Various Temperatures
Figure 11. Isolation vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com