Electronic Components Datasheet Search
  English  ▼

X  

ADRF5032 Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF5032
Description  1 GHz to 60 GHz, Reflective, Silicon SPDT Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5032 Datasheet(HTML) 3 Page - Analog Devices

  ADRF5032 Datasheet HTML 1Page - Analog Devices ADRF5032 Datasheet HTML 2Page - Analog Devices ADRF5032 Datasheet HTML 3Page - Analog Devices ADRF5032 Datasheet HTML 4Page - Analog Devices ADRF5032 Datasheet HTML 5Page - Analog Devices ADRF5032 Datasheet HTML 6Page - Analog Devices ADRF5032 Datasheet HTML 7Page - Analog Devices ADRF5032 Datasheet HTML 8Page - Analog Devices ADRF5032 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Data Sheet
ADRF5032
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 11
VDD = 3.3 V, VSS = −3.3 V, VCTL = 0 V or VDD, TCASE = 25°C, 50 Ω system, unless otherwise noted. RFx refers to RF1 or RF2.
Table 1. Electrical Characteristics
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
f
1
60
GHz
INSERTION LOSS
Between RFC and RFx (On)
1 GHz to 18 GHz
1.1
dB
18 GHz to 40 GHz
1.3
dB
40 GHz to 55 GHz
1.9
dB
55 GHz to 60 GHz
2.0
dB
ISOLATION
Between RFC and RFx
1 GHz to 18 GHz
46
dB
18 GHz to 40 GHz
43
dB
40 GHz to 55 GHz
37
dB
55 GHz to 60 GHz
32
dB
Between RFx and RFx
1 GHz to 18 GHz
50
dB
18 GHz to 40 GHz
45
dB
40 GHz to 55 GHz
40
dB
55 GHz to 60 GHz
36
dB
RETURN LOSS
RFC
1 GHz to 18 GHz
22
dB
18 GHz to 40 GHz
17
dB
40 GHz to 55 GHz
16
dB
55 GHz to 60 GHz
18
dB
RFx
1 GHz to 18 GHz
24
dB
18 GHz to 40 GHz
23
dB
40 GHz to 55 GHz
19
dB
55 GHz to 60 GHz
18
dB
SWITCHING
Rise and Fall Time
tRISE,tFALL
10% to 90% of RF output
5
ns
On and Off Time
tON, tOFF
50% VCTL to 90% of RF output
15
ns
Settling Time
0.1 dB
50% VCTL to 0.1 dB of final RF output
35
ns
INPUT LINEARITY1
f = 3 GHz to 60 GHz
Input Compression
P0.1dB
24
dBm
Third-Order Intercept
IP3
Two-tone input power = 12 dBm each tone, Δf = 1 MHz
45
dBm
SUPPLY CURRENT
VDD and VSS pins
Positive Supply Current
IDD
15
µA
Negative Supply Current
ISS
370
µA
DIGITAL CONTROL INPUTS
CTRL pin
Voltage
Low
VINL
0
0.8
V
High
VINH
1.2
3.3
V
Current
Low
IINL
<1
µA
High
IINH
<1
µA
RECOMMENDED OPERATING CONDITIONS
Supply Voltage
Positive
VDD
3.15
3.45
V
Negative
VSS
−3.45
−3.15
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com