Electronic Components Datasheet Search
  English  ▼

X  

ADRF5032 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF5032
Description  1 GHz to 60 GHz, Reflective, Silicon SPDT Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5032 Datasheet(HTML) 1 Page - Analog Devices

  ADRF5032 Datasheet HTML 1Page - Analog Devices ADRF5032 Datasheet HTML 2Page - Analog Devices ADRF5032 Datasheet HTML 3Page - Analog Devices ADRF5032 Datasheet HTML 4Page - Analog Devices ADRF5032 Datasheet HTML 5Page - Analog Devices ADRF5032 Datasheet HTML 6Page - Analog Devices ADRF5032 Datasheet HTML 7Page - Analog Devices ADRF5032 Datasheet HTML 8Page - Analog Devices ADRF5032 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Data Sheet
ADRF5032
1 GHz to 60 GHz, Reflective, Silicon SPDT Switch
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Ultra-wideband frequency range: 1 GHz to 60 GHz
►
Reflective design
►
Low insertion loss
►
1.3 dB typical up to 40 GHz
►
1.9 dB typical up to 55 GHz
►
2.0 dB typical up to 60 GHz
►
High isolation
►
43 dB typical up to 40 GHz
►
37 dB typical up to 55 GHz
►
32 dB typical up to 60 GHz
►
High input linearity
►
P0.1dB: 24 dBm typical
►
IP3: 45 dBm typical
►
High-RF power handling
►
Through path: 24 dBm
►
Hot switching path: 21 dBm
►
CMOS/LVTTL compatible
►
No low-frequency spur
►
RF switching time: 15 ns
►
RF settling time (50% VCTRL to 0.1 dB of RF output): 35 ns
►
Dual-supply operation: ±3.3 V
►
12-terminal, 2.5 mm × 2.5 mm, RoHS-compliant, LGA package
APPLICATIONS
►
Industrial scanners
►
Test and instrumentation
►
Cellular infrastructure: 5G mmWave
►
Military radios, radars, electronic counter measures (ECMs)
►
Microwave radios and very small aperture terminals (VSATs)
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram
GENERAL DESCRIPTION
The ADRF5032 is a reflective, single-pole double-throw (SPDT)
switch manufactured using the silicon process. The ADRF5032
operates from 1 GHz to 60 GHz with insertion loss of lower than 2.0
dB and isolation of higher than 32 dB. The device has a RF input
power handling capability of 24 dBm for both through paths and 21
dBm for hot switching.
The ADRF5032 requires dual supply voltages of ±3.3 V. The device
employs CMOS and low-voltage transistor logic (LVTTL) compatible
control.
The ADRF5032 is packaged in a 12-terminal, 2.5 mm × 2.5 mm,
RoHS-compliant, land grid array (LGA). The ADRF5032 operates
from −40°C to +105°C.


Similar Part No. - ADRF5032

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5030 AD-ADRF5030 Datasheet
739Kb / 13P
100 MHz to 20 GHz, Non-Reflective, Silicon SPDT Switch
Rev. 0
ADRF5030-EVALZ AD-ADRF5030-EVALZ Datasheet
739Kb / 13P
100 MHz to 20 GHz, Non-Reflective, Silicon SPDT Switch
Rev. 0
ADRF5030BCCZN AD-ADRF5030BCCZN Datasheet
739Kb / 13P
100 MHz to 20 GHz, Non-Reflective, Silicon SPDT Switch
Rev. 0
ADRF5030BCCZN-R7 AD-ADRF5030BCCZN-R7 Datasheet
739Kb / 13P
100 MHz to 20 GHz, Non-Reflective, Silicon SPDT Switch
Rev. 0
ADRF5031 AD-ADRF5031 Datasheet
597Kb / 12P
9 kHz to 20 GHz, Nonreflective, Silicon SPDT Switch
Rev. 0
More results

Similar Description - ADRF5032

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWML017 MACOM-MASWML017 Datasheet
74Kb / 1P
SPDT Reflective Switch 10.5 to 13.5 GHz
logo
Custom MMIC Design Serv...
CMD215 MMIC-CMD215 Datasheet
226Kb / 9P
DC-40 GHz SPDT Reflective Switch
logo
Analog Devices
ADRF5300 AD-ADRF5300 Datasheet
249Kb / 11P
Silicon, SPDT Switch, Reflective, 24 GHz to 32 GHz
9/2020-Revision 0
ADRF5024 AD-ADRF5024 Datasheet
432Kb / 13P
Silicon SPDT Switch, Reflective, 100 MHz to 44 GHz
8/2020-Rev. B to Rev. C
ADRF5025 AD-ADRF5025 Datasheet
446Kb / 13P
Silicon SPDT Switch, Reflective, 9 kHz to 44 GHz
5/2020-Rev. A to Rev. B
ADRF5301 AD-ADRF5301 Datasheet
294Kb / 9P
Silicon SPDT Switch, Reflective, 35 GHz to 44 GHz
HMC986A AD-HMC986A Datasheet
324Kb / 11P
0.1 GHz to 50 GHz, GaAs, MMIC Reflective SPDT Switch
7/2019-Rev. A to Rev. B
ADH347S AD-ADH347S Datasheet
218Kb / 7P
DC to 14 GHz SPDT Non-Reflective Switch
Rev. A
ADRF5144 AD-ADRF5144 Datasheet
556Kb / 12P
10 W Average, Silicon SPDT, Reflective Switch, 1 GHz to 20 GHz
Rev. 0
ADRF5054 AD-ADRF5054 Datasheet
1Mb / 13P
1 GHz to 60 GHz, Reflective, Silicon SP4T Switch
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com