Electronic Components Datasheet Search
  English  ▼

X  

EP224 Datasheet(PDF) 10 Page - Altera Corporation

Part # EP224
Description  Classic EPLDs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP224 Datasheet(HTML) 10 Page - Altera Corporation

Back Button EP224 Datasheet HTML 6Page - Altera Corporation EP224 Datasheet HTML 7Page - Altera Corporation EP224 Datasheet HTML 8Page - Altera Corporation EP224 Datasheet HTML 9Page - Altera Corporation EP224 Datasheet HTML 10Page - Altera Corporation EP224 Datasheet HTML 11Page - Altera Corporation EP224 Datasheet HTML 12Page - Altera Corporation EP224 Datasheet HTML 13Page - Altera Corporation EP224 Datasheet HTML 14Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
Altera Corporation
EP220 & EP224 Classic EPLDs
Figure 4 shows the typical supply current (ICC) versus frequency for
EP220 and EP224 devices.
Figure 4. EP220 & EP224 ICC vs. Frequency
Figure 5 shows the output drive characteristics of EP220 and EP224 I/O
pins.
Figure 5. EP220 & EP224 Output Drive Characteristics
Frequency (MHz)
20
40
60
80
100
10
40
100
70
-7A Speed
Grade
Non-Turbo
VCC = 5.0 V
TA = 25° C
Turbo
-10A and -12
Speed Grades
VO Output Voltage (V)
1
2
3
4
5
IOL
IOH
VCC = 5.0 V
TA = 25° C
100
80
60
20
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com