Electronic Components Datasheet Search
  English  ▼

X  

EP224 Datasheet(PDF) 13 Page - Altera Corporation

Part # EP224
Description  Classic EPLDs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP224 Datasheet(HTML) 13 Page - Altera Corporation

Back Button EP224 Datasheet HTML 8Page - Altera Corporation EP224 Datasheet HTML 9Page - Altera Corporation EP224 Datasheet HTML 10Page - Altera Corporation EP224 Datasheet HTML 11Page - Altera Corporation EP224 Datasheet HTML 12Page - Altera Corporation EP224 Datasheet HTML 13Page - Altera Corporation EP224 Datasheet HTML 14Page - Altera Corporation EP224 Datasheet HTML 15Page - Altera Corporation EP224 Datasheet HTML 16Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Altera Corporation
13
EP220 & EP224 Classic EPLDs
AC Operating Conditions: -7A, -10A, & -12 Speed Grades
Note (1)
Notes to tables:
(1)
Operating conditions: VCC = 5 V ± 5%, TA = 0° C to 70° C for commercial use.
VCC = 5 V ± 5%, TA = –40° C to 85° C for industrial use.
(2)
If the device enters standby mode and remains inactive for approximately 75 ns, increase the time by the amount
shown. For EP220-10A, EP220-12, and EP224-10A, EP224-12 devices only.
(3)
Measured with all outputs switching.
(4)
The tPZX and tPXZ parameters are measured at ± 0.5 V from steady-state voltage that is driven by the specified
output load. The tPXZ parameter is measured with CL = 5 pF and with all eight outputs switching.
Combinatorial Mode
EP220-7A
EP224-7A
EP220-10A
EP224-10A
EP220-12
EP224-12
Non-Turbo
Adder
Symbol
Parameter
Min Max Min Max Min Max
Note (2) Units
tPD1
Input to non-registered output,
Note (3)
7.5
10
12
20
ns
tPD2
I/O to non-registered output,
Note (3)
7.5
10
12
20
ns
tPZX
Input or I/O to output enable,
Note (4)
912
12
20
ns
tPXZ
Input or I/O to output disable,
Note (4)
910
12
20
ns
tOSR
Register-mode output to output skew
300
-
-
-
ps
tOSC
Combinatorial-mode output to output skew
400
-
-
-
ps
Synchronous Clock Mode
EP220-7A
EP224-7A
EP220-10A
EP224-10A
EP220-12
EP224-12
Non-Turbo
Adder
Symbol
Parameter
Min Max Min Max Min Max
Note (2)
Units
fMAX
Maximum frequency (pipelined), no feedback,
Note (3)
115
111
90.9
-
MHz
fCNT1
Maximum counter frequency, external feedback,
Note (3)
100
80
66
-
MHz
fCNT2
Maximum counter frequency, internal feedback,
Note (3)
115
100
83.3
-
MHz
tSU1
Input or I/O setup time to global clock
4.5
7
9
20
ns
tH
Input or I/O hold time from global clock
0
0
0
0
ns
tCO1
Global clock to output delay,
Note (3)
5.5
5.5
6
0
ns
tCO2
Global clock to output delay through combinatorial
macrocell
10
13
15
20
ns
tCNT
Minimum global clock period,
Note (3)
10
10
12
20
ns
tCL
Clock low time
4
4
5
0
ns
tCH
Clock high time
4
4
5
0
ns
tCP
Clock period
10
9
11
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com