Electronic Components Datasheet Search
  English  ▼

X  

CC3301 Datasheet(PDF) 6 Page - Texas Instruments

Part # CC3301
Description  CC330x SimpleLink™ Wi-Fi® 6 and Bluetooth® Low Energy Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC3301 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CC3301 Datasheet HTML 2Page - Texas Instruments CC3301 Datasheet HTML 3Page - Texas Instruments CC3301 Datasheet HTML 4Page - Texas Instruments CC3301 Datasheet HTML 5Page - Texas Instruments CC3301 Datasheet HTML 6Page - Texas Instruments CC3301 Datasheet HTML 7Page - Texas Instruments CC3301 Datasheet HTML 8Page - Texas Instruments CC3301 Datasheet HTML 9Page - Texas Instruments CC3301 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.ti.com
PACKAGE OUTLINE
C
5.15
4.85
5.15
4.85
0.8
0.7
0.05
0.00
2X 3.6
36X 0.4
2X 3.6
40X
0.5
0.3
40X
0.25
0.15
3.5 0.1
(0.2) TYP
WQFN - 0.8 mm max height
RSB0040B
PLASTIC QUAD FLATPACK - NO LEAD
4219094/A 11/2018
0.08 C
0.1
C A B
0.05
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
PIN 1 INDEX AREA
SEATING PLANE
PIN 1 ID
SYMM
EXPOSED
THERMAL PAD
SYMM
1
10
11
20
21
30
31
40
41
SCALE 3.000
A
B
CC3301, CC3300
SWRS310 – MARCH 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: CC3301 CC3300



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com