Electronic Components Datasheet Search
  English  ▼

X  

CC3301 Datasheet(PDF) 7 Page - Texas Instruments

Part # CC3301
Description  CC330x SimpleLink™ Wi-Fi® 6 and Bluetooth® Low Energy Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC3301 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CC3301 Datasheet HTML 2Page - Texas Instruments CC3301 Datasheet HTML 3Page - Texas Instruments CC3301 Datasheet HTML 4Page - Texas Instruments CC3301 Datasheet HTML 5Page - Texas Instruments CC3301 Datasheet HTML 6Page - Texas Instruments CC3301 Datasheet HTML 7Page - Texas Instruments CC3301 Datasheet HTML 8Page - Texas Instruments CC3301 Datasheet HTML 9Page - Texas Instruments CC3301 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
36X (0.4)
(R0.05) TYP
0.05 MAX
ALL AROUND
0.05 MIN
ALL AROUND
40X (0.6)
40X (0.2)
(4.8)
(4.8)
(
3.5)
(
0.2) TYP
VIA
(0.6) TYP
(0.9) TYP
(0.6) TYP
(0.9) TYP
WQFN - 0.8 mm max height
RSB0040B
PLASTIC QUAD FLATPACK - NO LEAD
4219094/A 11/2018
NOTES: (continued)
4. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271).
5. Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their locations shown
on this view. It is recommended that vias under paste be filled, plugged or tented.
SYMM
SYMM
EXPOSED METAL SHOWN
LAND PATTERN EXAMPLE
SCALE: 20X
SEE SOLDER MASK
DETAIL
1
10
11
20
21
30
31
40
41
METAL EDGE
SOLDER MASK
OPENING
EXPOSED METAL
METAL UNDER
SOLDER MASK
SOLDER MASK
OPENING
EXPOSED
METAL
NON SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK DEFINED
SOLDER MASK DETAILS
www.ti.com
CC3301, CC3300
SWRS310 – MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: CC3301 CC3300



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com