Electronic Components Datasheet Search
  English  ▼

X  

CC3301 Datasheet(PDF) 1 Page - Texas Instruments

Part # CC3301
Description  CC330x SimpleLink™ Wi-Fi® 6 and Bluetooth® Low Energy Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC3301 Datasheet(HTML) 1 Page - Texas Instruments

  CC3301 Datasheet HTML 1Page - Texas Instruments CC3301 Datasheet HTML 2Page - Texas Instruments CC3301 Datasheet HTML 3Page - Texas Instruments CC3301 Datasheet HTML 4Page - Texas Instruments CC3301 Datasheet HTML 5Page - Texas Instruments CC3301 Datasheet HTML 6Page - Texas Instruments CC3301 Datasheet HTML 7Page - Texas Instruments CC3301 Datasheet HTML 8Page - Texas Instruments CC3301 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CC330x SimpleLink™ Wi-Fi® 6 and Bluetooth® Low Energy Transceiver
1 Features
• Highly optimized Wi-Fi® 6 and Bluetooth®
Low Energy 5.2 system for low-cost industrial
embedded applications
• Designed to integrate with any MPU or MCU host
capable of running a TCP/IP stack
• Wi-Fi 6
– MAC, baseband, and RF transceiver with
support for IEEE 802.11 b/g/n/ax
– TWT and OFDMA for improved efficiency
– Hardware-based encryption and decryption
using supporting WPA2 and WPA3
– Excellent interoperability
• Bluetooth Low Energy 5.2
– Bluetooth 5.2 supporting long-range and high-
speed PHYs (up to 2 Mbps)
– Host controller interface (HCI) transport for
Bluetooth with option for shared SDIO or UART
• Integrated 2.4-GHz PA for complete wireless
solution with up to +20-dBm output power,
enabling great Wi-Fi performance and longer BLE
range
• Operating temperature: -40°C to +105°C
• Application throughput up to 50 Mbps
• Support for 4-bit SDIO or SPI host interfaces
• Enhanced Security
– Secured host interface
– Firmware authentication
– Anti-rollback protection
• Advanced Features
– Multirole support (STA and AP) to connect
directly with other Wi-Fi devices on different RF
channels (Wi-Fi networks)
– Optional antenna diversity or selection
– 3-wire or 1-wire PTA for external coexistence
with additional 2.4-GHz radios (for example,
Thread or Zigbee)
• Power Management
– VMAIN, VIO, Vpp: 1.8 V
– VPA: 2.1 V to 4.2 V
• Clock Sources
– 40-MHz XTAL fast clock
– Internal LFOSC or external 32.768-kHz slow
clock
• Small Package Size
– Easy to design with 40-pin, 5-mm x 5-mm quad
flat noleaded (QFN) package, 0.4-mm pitch
2 Applications
• Grid Infrastructure
– Electricity Meter
– String Inverter
– Micro Inverter
– Energy Storage Power Conversion System
(PCS)
• Building and Home Automation
– HVAC Controller
– HVAC Gateway
– Thermostat
– Building Security Gateway
– Garage door system
– IP network camera/ Video doorbell
– Wireless security camera
• Appliances
– Refrigerator & freezer
– Oven
– Washer & dryer
– Residential water heater & heating system
– Air purifier & humidifier
– Coffee machine
– Air conditioner indoor unit
– Vacuum robot
– Robotic lawn mower
• Medical
– Infusion pump
– Electronic hospital bed & bed control
– Multiparameter patient monitor
– Blood glucose monitor
– Blood pressure monitor
– CPAP machine
– Telehealth systems
– MRI
– Ultrasound scanner
– Ultrasound smart probe
– Electric toothbrush
• Retail Automation and Payment
CC3301, CC3300
SWRS310 – MARCH 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - CC3301

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC3301 TI2-CC3301 Datasheet
1Mb / 31P
CC330x SimpleLink™ Wi-Fi 6 and Bluetooth® Low Energy companion IC
REVISED DECEMBER 2023
CC3301ENJARSBR TI2-CC3301ENJARSBR Datasheet
1Mb / 31P
CC330x SimpleLink™ Wi-Fi 6 and Bluetooth® Low Energy companion IC
REVISED DECEMBER 2023
CC3301ENJARSBR.A TI2-CC3301ENJARSBR.A Datasheet
1Mb / 31P
CC330x SimpleLink™ Wi-Fi 6 and Bluetooth® Low Energy companion IC
REVISED DECEMBER 2023
CC3301ENJARSBR.B TI2-CC3301ENJARSBR.B Datasheet
1Mb / 31P
CC330x SimpleLink™ Wi-Fi 6 and Bluetooth® Low Energy companion IC
REVISED DECEMBER 2023
CC3301MOD TI-CC3301MOD Datasheet
806Kb / 13P
CC330xMOD SimpleLink™ Wi-Fi 6 and Bluetooth® Low Energy Companion Module
SEPTEMBER 2024
More results

Similar Description - CC3301

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2642R-Q1 TI-CC2642R-Q1_V01 Datasheet
1Mb / 54P
CC2642R-Q1 SimpleLink™ Bluetooth® 5.2 Low Energy Wireless MCU
REVISED JUNE 2022
logo
ESPRESSIF SYSTEMS (SHAN...
ESP32-S3 ESPRESSIF-ESP32-S3 Datasheet
889Kb / 69P
2.4 GHz Wi-Fi Bluetooth® LE SoC Supporting IEEE 802.11 b/g/n (2.4 GHz Wi-Fi) and Bluetooth® 5 (LE)
Version 1.3
logo
Toshiba Semiconductor
TC35679FSG-002 TOSHIBA-TC35679FSG-002 Datasheet
584Kb / 45P
TC35679FSG-002 Bluetooth® low energy IC
2018-01-17 Rev 1.20
TC3567DFSG-002 TOSHIBA-TC3567DFSG-002 Datasheet
697Kb / 49P
TC3567DFSG-002 Bluetooth® low energy IC
2018-04-26 Rev 1.2
logo
Panasonic Semiconductor
PAN1781 PANASONIC-PAN1781 Datasheet
889Kb / 35P
Bluetooth® Low Energy Module
Rev. 1.0
logo
Silicon Laboratories
RS9116 SILABS-RS9116 Datasheet
3Mb / 82P
RS9116 n-Link™ and WiSeConnect™ Wi-Fi® and Dual-Mode Bluetooth® 5 Wireless Connectivity B00 Module Solution
Rev 1.0.9
WGM160P SILABS-WGM160P Datasheet
1Mb / 46P
WGM160P Wi-Fi® Module
Rev. 1.3
logo
Renesas Technology Corp
DA16600MOD RENESAS-DA16600MOD Datasheet
965Kb / 28P
Ultra-Low Power Wi-Fi Bluetooth® LE Combo Module
04-Jan-2023
logo
Texas Instruments
CC2340R5 TI-CC2340R5 Datasheet
2Mb / 64P
CC2340R5 SimpleLink™ Bluetooth ® 5.3 Low Energy Wireless MCU
REVISED MAY 2023
logo
Taiyo Yuden (U.S.A.), I...
EKSKBNZWB TAIYO-YUDEN-EKSKBNZWB Datasheet
371Kb / 2P
Bluetooth® 5.0 low energy Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com