Electronic Components Datasheet Search
  English  ▼

X  

CC3301 Datasheet(PDF) 3 Page - Texas Instruments

Part # CC3301
Description  CC330x SimpleLink™ Wi-Fi® 6 and Bluetooth® Low Energy Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC3301 Datasheet(HTML) 3 Page - Texas Instruments

  CC3301 Datasheet HTML 1Page - Texas Instruments CC3301 Datasheet HTML 2Page - Texas Instruments CC3301 Datasheet HTML 3Page - Texas Instruments CC3301 Datasheet HTML 4Page - Texas Instruments CC3301 Datasheet HTML 5Page - Texas Instruments CC3301 Datasheet HTML 6Page - Texas Instruments CC3301 Datasheet HTML 7Page - Texas Instruments CC3301 Datasheet HTML 8Page - Texas Instruments CC3301 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
4 System Diagram
Figure 4-1 shows a basic system diagram for the CC3301.
CC3301 Wi-Fi and BLE Combo Transceiver
System
Power
Clock
User OTP
Packet RAM
Execution,
Data RAM
Wi-Fi and BLE Core
Wi-Fi
MAC, Modem
BLE
MAC, Modem
2.4GHz Wi-Fi, BLE RF
ELP
Crypto
DMA
Interfaces
SDIO, SPI
UART
Coexistence
Antenna
Diversity
SDIO / SPI
UART
Coexistence
Power
Clock
nReset
2.4-GHz
Antenna
Figure 4-1. CC3301 High-Level System Diagram
www.ti.com
CC3301, CC3300
SWRS310 – MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: CC3301 CC3300



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com