Electronic Components Datasheet Search
  English  ▼

X  

TPS548C26 Datasheet(PDF) 38 Page - Texas Instruments

Part # TPS548C26
Description  TPS548C26 4-V to 16-V Input, 35-A Synchronous Buck Converter with Differential Remote Sense
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS548C26 Datasheet(HTML) 38 Page - Texas Instruments

Back Button TPS548C26 Datasheet HTML 31Page - Texas Instruments TPS548C26 Datasheet HTML 32Page - Texas Instruments TPS548C26 Datasheet HTML 33Page - Texas Instruments TPS548C26 Datasheet HTML 34Page - Texas Instruments TPS548C26 Datasheet HTML 35Page - Texas Instruments TPS548C26 Datasheet HTML 36Page - Texas Instruments TPS548C26 Datasheet HTML 37Page - Texas Instruments TPS548C26 Datasheet HTML 38Page - Texas Instruments TPS548C26 Datasheet HTML 39Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 38 / 39 page
background image
EXAMPLE STENCIL DESIGN
4226301/D 11/2022
www.ti.com
WQFN-FCRLF - 0.7 mm max height
RXX0037A
PLASTIC QUAD FLAT PACK- NO LEAD
SOLDER PASTE EXAMPLE
BASED ON 0.1 mm THICK STENCIL
SOLDER COVERAGE :
Thermal Pad connected to pin 7-10, 19 : 80%
Thermal Pad connected to pin 20-24 : 86%
SCALE: 15X
NOTES: (continued)
6. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
(R 0.05) TYP
32X (0.5)
2X (3.5)
0.000 PKG ℄
(3.2)
(2.09)
(2.9)
2X (4.5)
10X (0.45)
18X (0.6)
(2.8)
(2.6)
2X (1.547)
(1.347)
(0.187)
(0.155)
2X (1.318)
(1.438)
2X (1.05)
(1.17)
(1.47)
2X (0.96)
(1.47)
(0.84)
3X (1)
2X (1.55)
2X (1.71)
1
6
10
11
19
25
28
29
36
37
18
7
20
24
(1.2)
37X (0.25)
2X (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com