Electronic Components Datasheet Search
  English  ▼

X  

TPS548C26 Datasheet(PDF) 20 Page - Texas Instruments

Part # TPS548C26
Description  TPS548C26 4-V to 16-V Input, 35-A Synchronous Buck Converter with Differential Remote Sense
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS548C26 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS548C26 Datasheet HTML 16Page - Texas Instruments TPS548C26 Datasheet HTML 17Page - Texas Instruments TPS548C26 Datasheet HTML 18Page - Texas Instruments TPS548C26 Datasheet HTML 19Page - Texas Instruments TPS548C26 Datasheet HTML 20Page - Texas Instruments TPS548C26 Datasheet HTML 21Page - Texas Instruments TPS548C26 Datasheet HTML 22Page - Texas Instruments TPS548C26 Datasheet HTML 23Page - Texas Instruments TPS548C26 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
PVIN
VCC
EN
PG
MODE
ILIM
SS
DNC
EN
Power Good
BOOT
SW
FB
GOSNS
V
OUT
V
IN: 4 V to 16 V
AGND
PGND
VDRV
PHASE
VOSNS
AVIN
NC
NC
NC
Load
NC
33
34
35
6
37
Figure 7-1. Single VIN Configuration with 12-V Bus
7.4.4 Powering the Device From a Split-rail Configuration
When an external bias that is at a different level from the main VIN bus, is applied to the VDRV pin, the device
can be configured to split rail by using both the main VIN bus and the VDRV bias. Connecting a valid bias rail
to the VDRV pin overrides the internal VCC LDO, saving power loss on that linear regulator. This configuration
helps improve overall system-level efficiency but requires a valid VCC bias. A 5.0-V rail is the common choice
for the VDRV bias. With a stable VDRV bias, the VIN input range under this configuration can be as low as 2.7 V
and up to 16 V.
The noise of the external bias affects the internal analog circuitry. To ensure a proper operation, a clean,
low-noise external bias, and a local decoupling capacitor from the VDRV pin to PGND pin are required. Figure
7-2 shows an example for this split rail configuration.
The VDRV external bias current during nominal operation varies with the bias voltage level and the switching
frequency. For example, by setting the device to skip mode, the VDRV pin draws less and less current from
the external bias when the switching frequency decreases under light load condition. The typical VDRV external
bias current under FCCM operation is listed in the Electrical Characteristics table to help the user prepare the
capacity of the external bias.
Under split rail configuration, PVIN, VDRV bias, and EN are the signals to enable the part. For the start-up
sequence, it is recommended that the external bias is applied on the VDRV pin earlier than PVIN rail. A practical
start-up sequence example is the external 5-V bias is applied first, then the 12-V bus is applied on PVIN, and
then EN signal goes high.
TPS548C26
SLVSGM2 – MARCH 2023
www.ti.com
20
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS548C26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com