Electronic Components Datasheet Search
  English  ▼

X  

TPS548C26 Datasheet(PDF) 26 Page - Texas Instruments

Part # TPS548C26
Description  TPS548C26 4-V to 16-V Input, 35-A Synchronous Buck Converter with Differential Remote Sense
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS548C26 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TPS548C26 Datasheet HTML 22Page - Texas Instruments TPS548C26 Datasheet HTML 23Page - Texas Instruments TPS548C26 Datasheet HTML 24Page - Texas Instruments TPS548C26 Datasheet HTML 25Page - Texas Instruments TPS548C26 Datasheet HTML 26Page - Texas Instruments TPS548C26 Datasheet HTML 27Page - Texas Instruments TPS548C26 Datasheet HTML 28Page - Texas Instruments TPS548C26 Datasheet HTML 29Page - Texas Instruments TPS548C26 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
Figure 8-14. Output Voltage Ripple, 800 kHz FCCM,
35 A Load, PVIN = 12 V, VOUT = 3.3 V
Figure 8-15. Output Voltage Ripple, 800 kHz FCCM,
No load, PVIN = 12 V, VOUT = 3.3 V
Figure 8-16. Output Voltage Ripple, DCM, No load, PVIN = 12 V, VOUT = 3.3 V
8.3 Power Supply Recommendations
The device is designed to operate from a wide input voltage supply range between 2.7 V and 16 V when the
VDRV pin is powered by an external bias ranging from 4.75 V to 5.3 V. Both input supplies (PVIN and VDRV
bias) must be well regulated. Proper bypassing of input supplies (PVIN and VDRV) is also critical for noise
performance, as are PCB layout and grounding scheme. See the recommendations in Layout Guidelines.
8.4 Layout
8.4.1 Layout Guidelines
Layout is critical for good power supply design. Layout example shows the recommended PCB layout
configuration. A list of PCB layout considerations using the device is listed as follows:
• Place the power components (including input and output capacitors, the inductor, and the IC) on the top side
of the PCB. To shield and isolate the small signal traces from noisy power lines, insert at least one solid
ground inner plane.
• PVIN-to-PGND decoupling capacitors are important for FET robustness. Besides the large volume 0603 or
0805 ceramic capacitors, TI highly recommends a 0.1-µF, 0402 ceramic capacitor with 25-V / X7R rating on
PVIN pin 20 (top layer) to bypass any high frequency current in PVIN to PGND loop. TI recommends the
25-V rating, but can be lowered to 16-V rating for an application with tightly regulated 12-V input bus.
• When one or more PVIN-to-PGND decoupling capacitors are placed on bottom layer, extra impedance is
introduced to bypass IC PVIN node to IC PGND node. Placing at least 3 times PVIN vias on PVIN pad
TPS548C26
SLVSGM2 – MARCH 2023
www.ti.com
26
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS548C26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com