Electronic Components Datasheet Search
  English  ▼

X  

TPS548C26 Datasheet(PDF) 14 Page - Texas Instruments

Part # TPS548C26
Description  TPS548C26 4-V to 16-V Input, 35-A Synchronous Buck Converter with Differential Remote Sense
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS548C26 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS548C26 Datasheet HTML 10Page - Texas Instruments TPS548C26 Datasheet HTML 11Page - Texas Instruments TPS548C26 Datasheet HTML 12Page - Texas Instruments TPS548C26 Datasheet HTML 13Page - Texas Instruments TPS548C26 Datasheet HTML 14Page - Texas Instruments TPS548C26 Datasheet HTML 15Page - Texas Instruments TPS548C26 Datasheet HTML 16Page - Texas Instruments TPS548C26 Datasheet HTML 17Page - Texas Instruments TPS548C26 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
noise sources such as inductor and SW node, or high frequency clock lines. TI recommends to shield the pair of
remote sensing lines with ground planes above and below.
The recommended GOSNS operating range (refer to AGND pin) is −100 mV to +100 mV. In case of local sense
(no remote sensing), short GOSNS pin to AGND.
7.3.5 Start-up and Shutdown
Start-up
The start-up sequence includes three sequential periods. During the first period, the device does initialization
which includes building up internal LDOs and references, internal memory initialization, pin strap detection, and
so forth. The initialization, which is not gated by EN pin voltage, starts as long as VCC pin voltage is above
the VCC_OK UVLO rising threshold (3.15 V typical). The length of this period is about 300 μs for TPS548C26
device. The pin strap detection result is locked in after the initialization is finished and as long as VCC voltage
stays above VCC_OK falling threshold. Changing the external resistor value does not affect the existing pin strap
detection result unless the IC is power cycled.
After the EN pin voltage crosses above EN high threshold (typically 1.2 V) the device moves to the second
period, power-on delay. The power-on delay is 0.5 ms to activate the control loop and the driver circuit.
The VOUT soft start is the third period. A soft-start ramp, which is an internal signal, starts right after the power-on
delay. When starting up without pre-bias on the output, the internal reference ramps up from 0 V to 0.8 V, and
the VOUT ramps up from 0 V to the setting value (by FB voltage divider). A proper soft-start time helps to avoid
the inrush current by the output capacitor charging, and also minimize VOUT overshoot. The soft-start time can
be selected among 4 options of 1 ms, 2 ms, 4 ms, and 8 ms by connecting a resistor from pin 29 SS to AGND.
Table 7-1 lists the resistor values and the corresponding soft-start time. TI recommends ±1% tolerance resistors
with a typical temperature coefficient of ±100 ppm/°C.
For the start-up with a pre-biased output the device limits the discharge current from the pre-biased output
voltage by preventing the low-side FET from forcing the SW node low until after the first PWM pulse turns on the
high-side FET. After the increasing reference voltage exceeds the feedback voltage which is divided down from
the pre-biased output voltage, the SW pulses start. This enables a smooth startup with a pre-biased output.
After VOUT reaches the regulation value, a 1-ms PG delay starts. The converter then asserts PG pin when the
1-ms PG delay expires.
Table 7-1. SS Pin Strap for the Soft-start Time, Fault Response, and Internal Compensation
SS Pin to AGND Resistor
(kΩ)
Soft-start time (ms)
Internal Compensation
VOUT OV, UV Fault Response
0
1
Compensation1
Latch-off
1.50
2
2.49
4
3.48
8
4.53
1
Compensation2
5.76
2
7.32
4
8.87
8
10.5
1
Compensation1
Hiccup
12.1
2
14.0
4
16.2
8
18.7
1
Compensation2
21.5
2
24.9
4
28.7
8
TPS548C26
SLVSGM2 – MARCH 2023
www.ti.com
14
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS548C26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com