Electronic Components Datasheet Search
  English  ▼

X  

DP83955AV Datasheet(PDF) 34 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83955AV
Description  LitE Repeater Interface Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83955AV Datasheet(HTML) 34 Page - National Semiconductor (TI)

Back Button DP83955AV Datasheet HTML 30Page - National Semiconductor (TI) DP83955AV Datasheet HTML 31Page - National Semiconductor (TI) DP83955AV Datasheet HTML 32Page - National Semiconductor (TI) DP83955AV Datasheet HTML 33Page - National Semiconductor (TI) DP83955AV Datasheet HTML 34Page - National Semiconductor (TI) DP83955AV Datasheet HTML 35Page - National Semiconductor (TI) DP83955AV Datasheet HTML 36Page - National Semiconductor (TI) DP83955AV Datasheet HTML 37Page - National Semiconductor (TI) DP83955AV Datasheet HTML 38Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
50 Functional Description (Continued)
74LS259 Latch Inputs
259 Output
Q0
Q1
Q2
Q3
Q4
Q5
Q6
A7
259 Addr S(2 – 0)
000
001
010
011
100
101
110
111
LERIC Port Number
1 (AUI)
2
3
4
5
6
7
LERIC D0
ACOL
LINK
LINK
LINK
LINK
LINK
LINK
LERIC D1
AREC
COL
COL
COL
COL
COL
COL
COL
LERIC D2
JAB
REC
REC
REC
REC
REC
REC
REC
LERIC D3
APART
PART
PART
PART
PART
PART
PART
PART
LERIC D4
BDPOL
BDPOL
BDPOL
BDPOL
BDPOL
BDPOL
Note
This shows the LED Output Functions for the LED Drivers when 74LS259s are used
ACOL e Any Port Collision AREC e Any Port Reception JAB e Any Port Jabbering
LINK e Port Link COL e Port Collision REC e Port Reception PART e Port Partitioned
BDPOL e Bad (inverse) Polarity of received data
FIGURE 5-10 Maximum Mode LED Definitions
Description of Data Freeze Strobe (DFS) Pin Operation
DFS has been implemented to assist the user to provide
partial hub management statistics on a per packet per port
basis The DFS signal is asserted active high at the end of
the transmission of each packet and the status of that
packet is frozen on the LEDs until the beginning of the next
received packet or for a maximum of 30 ms as is shown in
Figure 5-11
The DFS signal can be used to latch the LED information
into a shared buffer which acts as an external flag register
and can be used as a mechanism to trap events
TLF11240 – 41
FIGURE 5-11 DFS Operation
Processor Access Cycles
Access to the LERIC’s on-chip registers is made via its
processor interface This utilizes a conventional non-multi-
plexed address (four bit) and data (four bit) bus This bus is
also used to provide data and address information to off
chip LED display latches during display update cycles While
performing these cycles the LERIC behaves as a master of
its data bus Consequently a TRI-STATE bi-directional bus
transceiver (eg
74LS245) must be placed between the
LERIC and any processor bus
Internally each of the
LERIC’s registers is 8 bits however there are four bits of
data pins (D(30)) Each register is accessed on a nibble
basis (4 bits at a time) D(7) of the address pins D(74) se-
lects the upper and lower nibbles as described in Section 7
To access the LERIC’s registers the processor requests a
register access by asserting the read (RD) or write (WR)
input strobes The LERIC responds by finishing any current
display update cycle and asserts the TRI-STATE buffer en-
able signal (BUFEN) If the processor cycle is a write cycle
then the LERIC’s buffers are disabled to prevent contention
In order to interface to the LERIC a PAL device may be
used to perform the following operations
1 Generate the LERIC’s read and write strobes
2 Control the direction signal for the 74LS245
An example of the processor and display interfaces is
shown in
Figure 5-12
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com