Electronic Components Datasheet Search
  English  ▼

X  

DP83955AV Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83955AV
Description  LitE Repeater Interface Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83955AV Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button DP83955AV Datasheet HTML 10Page - National Semiconductor (TI) DP83955AV Datasheet HTML 11Page - National Semiconductor (TI) DP83955AV Datasheet HTML 12Page - National Semiconductor (TI) DP83955AV Datasheet HTML 13Page - National Semiconductor (TI) DP83955AV Datasheet HTML 14Page - National Semiconductor (TI) DP83955AV Datasheet HTML 15Page - National Semiconductor (TI) DP83955AV Datasheet HTML 16Page - National Semiconductor (TI) DP83955AV Datasheet HTML 17Page - National Semiconductor (TI) DP83955AV Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 54 page
background image
30 Pin Description (Continued)
Pin Description for DP83955
Pin
Pin
Driver
IO
Description
No
Name
Type
30
ACTN
OD
B
ACT
ivity on Port N This is a bidirectional signal The LERIC asserts this signal when data or
collision information is received from one of its network segments
The LERIC senses this signal when this LERIC or another LERIC in a multi-LERIC system is
receiving data or collision information
31
ANYXN
OD
B
A
ctivity on ANY Port EXcluding Port N This is a bidirectional signal The LERIC asserts this signal
when a transmit collision is experienced or multiple ports have active collisions on their network
segments
The LERIC senses this signal when this LERIC or other LERICs in a multi-LERIC system are
experiencing transmit collisions or multiple ports have active collisions on their network segments
B e B
i-directional
Pin Description for DP83956
Pin
Pin
Driver
IO
Description
No
Name
Type
25
ACTND
OD
O
ACT
ivity on Port NDrive The LERIC asserts this signal when data or collision information is
received from one of its network segments
24
ACTNS
TT
I
ACT
ivity on Port NSense The LERIC senses this signal when this LERIC or another LERIC in a
multi-LERIC system is receiving data or collision information
27
ANYXND
OD
O
A
ctivity on ANY Port EXcluding Port NDrive The LERIC asserts this signal when a transmit
collision is experienced or multiple ports have active collisions on their network segments
26
ANYXNS
TT
I
A
ctivity on ANY Port EXcluding Port NSense The LERIC senses this signal when this LERIC or
other LERICs in a multi-LERIC system are experiencing transmit collisions or multiple ports have
active collisions on their network segments
22
PKEN
C
O
P
acKet ENable This signal acts as an active high enable for an external bus transceiver (if
required) for the IRE IRC IRD and COLN signals When high the bus transceiver should be
transmitting on to the bus ie this LERIC is driving the IRD IRE IRC and COLN bus lines
When low the bus transceiver should receive from the bus
TT e TTL
compatible C e CMOS compatible OD e Open Drain I e Input O e Output
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com