Electronic Components Datasheet Search
  English  ▼

X  

L8150 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L8150
Description  Brushless motor predriver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L8150 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L8150 Datasheet HTML 4Page - STMicroelectronics L8150 Datasheet HTML 5Page - STMicroelectronics L8150 Datasheet HTML 6Page - STMicroelectronics L8150 Datasheet HTML 7Page - STMicroelectronics L8150 Datasheet HTML 8Page - STMicroelectronics L8150 Datasheet HTML 9Page - STMicroelectronics L8150 Datasheet HTML 10Page - STMicroelectronics L8150 Datasheet HTML 11Page - STMicroelectronics L8150 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Electrical specifications
L8150
8/37
2
Electrical specifications
2.1
Absolute maximum ratings
2.2
Operating condition
Table 2.
Absolute maximum ratings
No.
Item
Symbol
Terminal
Value
Unit
Remark
1
VCC supply voltage
VCC
VCC
20
V
2
FG terminal voltage
VFG
FG
-0.3/20
V
3
FAULT terminal voltage
VFAULT
FAULT
-0.3/20
V
4
DM terminal voltage
VDM
DM
-0.3/20
V
5
FG, FAULT, DM currents
Iod
FG, FAULT, DM
15
mA
Maximum current
6RF voltage
VRF
RF
-5 to VREG
V
7
Other pin voltage
SDT,HUP,HUN,HVP
HVN,HWP,HWN,OV,TSD
FR,INTinN,INTinP,TO
-0.3 / 6
V
8
Inject current
SDT,HUP,HUN,HVP
HVN,HWP,HWN,OV,TSD
FR,INTinN,INTinP,TO
5mA
9
Operating ambient
temp.
Topg
-20/+95
°C
10
Junction temp.
Tj
150
°C
11
Storage temp.
Tstg
-55/+150
°C
12
Latch up tolerance
all pin
±200
mA
13
ESD tolerance
all pin
±200
V
Machine model
±2000
V
Human body model
Table 3.
Operating condition
No.
item
symbol
terminal
MIN
TYPE
MAX
unit
remark
1
supply voltage
VCC
VCC
12.75
15
17.25
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com