Electronic Components Datasheet Search
  English  ▼

X  

L8150 Datasheet(PDF) 26 Page - STMicroelectronics

Part # L8150
Description  Brushless motor predriver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L8150 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L8150 Datasheet HTML 22Page - STMicroelectronics L8150 Datasheet HTML 23Page - STMicroelectronics L8150 Datasheet HTML 24Page - STMicroelectronics L8150 Datasheet HTML 25Page - STMicroelectronics L8150 Datasheet HTML 26Page - STMicroelectronics L8150 Datasheet HTML 27Page - STMicroelectronics L8150 Datasheet HTML 28Page - STMicroelectronics L8150 Datasheet HTML 29Page - STMicroelectronics L8150 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
Precharge and hall effects filtering time description
L8150
26/37
Figure 16.
Startup sequence forced by FS comparator, supposing the motor rotating
quickly in the direction opposite to that imposed by the FR signal
This situation is similar to the one described before, except DM behaviour. Let's suppose the
FS signal high, which means all phases in high impedance state. Even if the signal FS is
high, the logic is able to detect if the motor is rotating in the desired direction or not. So
when the signal coming from the FS comparator has a falling edge, by default a zero-
crossing signal is generated and the DM signal is already low, indicating that the detected
direction is not equal to desired direction.
From now on the logic waits for a Hall effect commutation and applies to it a filtering time of
TPRECHARGE=400µsec. The first significant zero-crossing signal is generated.
Also the second Hall effect commutation is filtered using TPRECHARGE, and the second zero-
crossing signal is generated.
Starting form the second Hall effect commutation, after the acquisition of the filtered Hall
commutation, the logic outputs start applying the rectangular pattern, and the motor is able
to decelerate until the rotation direction changes becoming equal to the desired one.
After the first two Hall commutations, the filtering time used is a fraction of the elapsed time
between the first two Hall effect commutations, according to the previous TFILTER equation.
This filtering time is used until the first rising edge on signal HallU is detected and a zero-
crossing signal is generated. After that the filtering time used is a fraction of the elapsed
time between the last two detected zero-crossing signals, in other words between the
second Hall effect commutation and the rising edge on signal HallU. Finally, when the
second rising edge on signal HallU is detected, the filtering time used is a fraction of the
electrical period, as described in previous TFILTER-ROTATING equation.
Only when a Hall effect commutation consistent with the desired direction is detected the
DM signal becomes high, indicating the right direction detection.
●
Let's consider a startup sequence forced by FS comparator, supposing the motor
rotating too quickly:
FS
ZC
HALL BUS
FILTER TIME
PHASES
PHASES EXCITED
T∆zc’
MOTOR DECELERATING
400 us
400 us
T∆zc’/576
T∆zc’/576
MOTOR ACCELERATING
DM
T∆zc’/576
T∆zc’/576



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com