Electronic Components Datasheet Search
  English  ▼

X  

L8150 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L8150
Description  Brushless motor predriver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L8150 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L8150 Datasheet HTML 11Page - STMicroelectronics L8150 Datasheet HTML 12Page - STMicroelectronics L8150 Datasheet HTML 13Page - STMicroelectronics L8150 Datasheet HTML 14Page - STMicroelectronics L8150 Datasheet HTML 15Page - STMicroelectronics L8150 Datasheet HTML 16Page - STMicroelectronics L8150 Datasheet HTML 17Page - STMicroelectronics L8150 Datasheet HTML 18Page - STMicroelectronics L8150 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
L8150
General description
15/37
A maximum current of 5mA can be injected into OV protection terminal in case VCC = OFF
and VDC = ON without damaging the device. Moreover the output does not cause
malfunctioning (all power Transistors are OFF).
A maximum current of 5mA can be injected into TO terminal from external circuit during
VCC OFF without damaging the device. The output does not cause malfunctioning (all
power Transistors are OFF).
A maximum current of 5mA can be injected into INTinN terminal by VSP abnormal operation
without damaging the device. The output does not cause malfunctioning (in particular it is
needed to avoid VDC short-circuit by Power Transistor cross-conduction).
OSC pin sets the main bias currents for the whole device, including system clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com