Electronic Components Datasheet Search
  English  ▼

X  

L8150 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L8150
Description  Brushless motor predriver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L8150 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L8150 Datasheet HTML 14Page - STMicroelectronics L8150 Datasheet HTML 15Page - STMicroelectronics L8150 Datasheet HTML 16Page - STMicroelectronics L8150 Datasheet HTML 17Page - STMicroelectronics L8150 Datasheet HTML 18Page - STMicroelectronics L8150 Datasheet HTML 19Page - STMicroelectronics L8150 Datasheet HTML 20Page - STMicroelectronics L8150 Datasheet HTML 21Page - STMicroelectronics L8150 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
Operating description
L8150
18/37
Figure 7.
Phase shift vs input voltage
The 4-bit A/D has an internal hysteresis so that "Analog high thresholds" are the A/D
thresholds applying a rising edge on TO pin, the "Analog low thresholds" are the A/D
thresholds applying a falling edge on TO pin.
The applied phase shift "moves" the voltage profile with respect to the Hall effect sensor in
the direction indicated by the arrows in the picture.
Table 21.
Phase Shift
Phase Shift [°C]
Analog low threshold [V]
Analog high threshold [V]
2.5
<0.20
<0.30
5.0
0.20
0.30
7.5
0.40
0.50
10.0
0.60
0.70
12.5
0.80
0.89
15.0
0.99
1.09
17.5
1.19
1.29
20.0
1.39
1.49
22.5
1.59
1.68
25.0
1.78
1.88
27.5
1.98
2.08
30.0
2.17
2.27
32.5
2.37
2.47
35.0
2.57
2.66
37.5
2.76
2.86
40.0
2.96
3.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com