Electronic Components Datasheet Search
  English  ▼

X  

BA01697D Datasheet(PDF) 39 Page - Endress+Hauser Group Services AG

Part # BA01697D
Description  Electromagnetic flowmeter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

BA01697D Datasheet(HTML) 39 Page - Endress+Hauser Group Services AG

Back Button BA01697D Datasheet HTML 35Page - Endress+Hauser Group Services AG BA01697D Datasheet HTML 36Page - Endress+Hauser Group Services AG BA01697D Datasheet HTML 37Page - Endress+Hauser Group Services AG BA01697D Datasheet HTML 38Page - Endress+Hauser Group Services AG BA01697D Datasheet HTML 39Page - Endress+Hauser Group Services AG BA01697D Datasheet HTML 40Page - Endress+Hauser Group Services AG BA01697D Datasheet HTML 41Page - Endress+Hauser Group Services AG BA01697D Datasheet HTML 42Page - Endress+Hauser Group Services AG BA01697D Datasheet HTML 43Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
Picomag IO-Link
Accessories
Endress+Hauser
39
12
Accessories
Various accessories are available for the device, and can be ordered with the device or at a
later stage from Endress+Hauser. An up-to-date overview of accessories is available from
your local Endress+Hauser sales organization or on the product page of the Endress
+Hauser website: www.endress.com.
Adapter set (suitable for devices with male thread)
Order number
Description
71355698
G½" to G³⁄₈" male thread
71355699
G½" to R³⁄₈" male thread
71355701
G½" to G½" female thread
71355702
G½" to R½" male thread
71355704
G½" to ½" TriClamp
71355705
G³⁄₄" to R³⁄₄" male thread
71355707
G³⁄₄" to G³⁄₄" female thread
71355708
G³⁄₄" to R³⁄₄" TriClamp
71355709
G1" to R1" male thread
71355711
G1" to G1" female thread
71355712
G1" to 1" TriClamp
71355713
G2" to R1½" male thread
71355714
G2" to R2" male thread
71355717
G2" to G1½" male thread
71355718
G2" to G2" female thread
71355719
G2" to 2" TriClamp
71355720
G2" to 2" Victaulic
71399930
G2" to 54mm press fitting
71458012
Picomag adapter set G1/2"/R1/2" union nut
71458014
Picomag adapter set G3/4"/R1/2" union nut
Cable set
Order number
Description
71349260
2m/6.5ft, straight, 4x0.34, M12, PUR
71349261
5m/16.4ft, straight, 4x0.34, M12, PUR
71349262
10m/32.8ft, straight, 4x0.34, M12, PUR
71349263
2m/6.5ft, 90 degrees, 4x0.34, M12, PUR
71349264
5m/16.4ft, 90 degrees, 4x0.34, M12, PUR
71349265
10m/32.8ft, 90 degrees, 4x0.34, M12, PUR
Seal set (suitable for devices with male thread)
Order number
Description
71354741
DMA15 aramid fiber
71354742
DMA20 aramid fiber
71354745
DMA25 aramid fiber
71354746
DMA50 aramid fiber



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com