Electronic Components Datasheet Search
  English  ▼

X  

BA01697D Datasheet(PDF) 20 Page - Endress+Hauser Group Services AG

Part # BA01697D
Description  Electromagnetic flowmeter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

BA01697D Datasheet(HTML) 20 Page - Endress+Hauser Group Services AG

Back Button BA01697D Datasheet HTML 16Page - Endress+Hauser Group Services AG BA01697D Datasheet HTML 17Page - Endress+Hauser Group Services AG BA01697D Datasheet HTML 18Page - Endress+Hauser Group Services AG BA01697D Datasheet HTML 19Page - Endress+Hauser Group Services AG BA01697D Datasheet HTML 20Page - Endress+Hauser Group Services AG BA01697D Datasheet HTML 21Page - Endress+Hauser Group Services AG BA01697D Datasheet HTML 22Page - Endress+Hauser Group Services AG BA01697D Datasheet HTML 23Page - Endress+Hauser Group Services AG BA01697D Datasheet HTML 24Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 64 page
background image
Operation options
Picomag IO-Link
20
Endress+Hauser
7
Operation options
7.1
Access to the operating menu via the SmartBlue app
The device can be operated and configured via the SmartBlue app. In this case, the
connection is established via the Bluetooth® wireless technology interface.
Supported functions
• Device selection in Live List and access to the device (login)
• Configuration of the device
• Access to measured values, device status and diagnostic information
The SmartBlue app is available to download free of charge for Android devices (Google
Playstore) and iOS devices (iTunes Apple Store): Endress+Hauser SmartBlue
Directly to the app with the QR code:
A0033202
System requirements
• Devices with iOS:
From iOS 11
• Devices with Android:
Android 6.0 KitKat or higher
Downloading the SmartBlue app:
1. Install and start the SmartBlue app.
 A Live List shows all the devices available.
The list displays the devices with the configured tag name. The default setting for
the tag name is EH_DMA_XYZZ (XYZZ = the last 7 digits of the device serial
number).
2. For Android devices, activate GPS positioning (not necessary for devices with IOS)
3. Select the device from the Live List.
 The Login dialog box opens.
Logging in:
4. Enter the user name: admin
5. Enter the initial password: serial number of the device.
 When you log in for the first time, a message is displayed advising you to change
the password.
6. Confirm your entry.
 The main menu opens.
7. Optional: Change Bluetooth® password: Menu: Guidance → Security → Change
Bluetooth password
Forgotten your password: contact Endress+Hauser Service.
Navigate through the various items of information about the device: swipe the screen
to the side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com