Electronic Components Datasheet Search
  English  ▼

X  

BA01697D Datasheet(PDF) 18 Page - Endress+Hauser Group Services AG

Part # BA01697D
Description  Electromagnetic flowmeter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

BA01697D Datasheet(HTML) 18 Page - Endress+Hauser Group Services AG

Back Button BA01697D Datasheet HTML 14Page - Endress+Hauser Group Services AG BA01697D Datasheet HTML 15Page - Endress+Hauser Group Services AG BA01697D Datasheet HTML 16Page - Endress+Hauser Group Services AG BA01697D Datasheet HTML 17Page - Endress+Hauser Group Services AG BA01697D Datasheet HTML 18Page - Endress+Hauser Group Services AG BA01697D Datasheet HTML 19Page - Endress+Hauser Group Services AG BA01697D Datasheet HTML 20Page - Endress+Hauser Group Services AG BA01697D Datasheet HTML 21Page - Endress+Hauser Group Services AG BA01697D Datasheet HTML 22Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
Electrical connection
Picomag IO-Link
18
Endress+Hauser
Current output configuration version
1
2
3
4
B
A
L+
L-
A
A
A0046581
 4
Current output, active, 4 to 20 mA
A
Plug (measuring device)
B
Socket (customer side)
L+ Supply voltage +
L-
Supply voltage -
The current flows from the output to L-. The maximum load may not exceed 500 Ω. A
bigger load distorts the output signal.
Voltage output configuration version
1
2
3
4
B
A
L+
L-
V
V
A0046582
 5
Voltage output, active, 2 to 10 V
A
Plug (measuring device)
B
Socket (customer side)
L+ Supply voltage +
L-
Supply voltage -
The voltage from the output applies to L-. The load must be at least 600 Ω. The output is
protected against short-circuiting and reverse polarity.
Digital input configuration version
• 15 V (switch-on threshold)
• 5 V (switch-off threshold)
1
2
3
4
B
A
L+
L-
=
=
A0033008
 6
Digital input
A
Plug (measuring device)
B
Socket (customer side)
L+ Supply voltage +
L-
Supply voltage -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com