Electronic Components Datasheet Search
  English  ▼

X  

BA01697D Datasheet(PDF) 9 Page - Endress+Hauser Group Services AG

Part # BA01697D
Description  Electromagnetic flowmeter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

BA01697D Datasheet(HTML) 9 Page - Endress+Hauser Group Services AG

Back Button BA01697D Datasheet HTML 5Page - Endress+Hauser Group Services AG BA01697D Datasheet HTML 6Page - Endress+Hauser Group Services AG BA01697D Datasheet HTML 7Page - Endress+Hauser Group Services AG BA01697D Datasheet HTML 8Page - Endress+Hauser Group Services AG BA01697D Datasheet HTML 9Page - Endress+Hauser Group Services AG BA01697D Datasheet HTML 10Page - Endress+Hauser Group Services AG BA01697D Datasheet HTML 11Page - Endress+Hauser Group Services AG BA01697D Datasheet HTML 12Page - Endress+Hauser Group Services AG BA01697D Datasheet HTML 13Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
Picomag IO-Link
Basic safety instructions
Endress+Hauser
9
2.4
Operational safety
Risk of injury!
‣ Operate the device in proper technical condition and fail-safe condition only.
‣ The operator is responsible for interference-free operation of the device.
2.5
Product safety
This measuring device is designed in accordance with good engineering practice to meet
state-of-the-art safety requirements, has been tested, and left the factory in a condition in
which it is safe to operate.
It meets general safety standards and legal requirements. It also complies with the EU
directives listed in the device-specific EU Declaration of Conformity. Endress+Hauser
confirms this by affixing the CE mark to the device.
Furthermore, the device meets the legal requirements of the applicable UK regulations
(Statutory Instruments). These are listed in the UKCA Declaration of Conformity along
with the designated standards.
By selecting the order option for UKCA marking, Endress+Hauser confirms a successful
evaluation and testing of the device by affixing the UKCA mark.
Contact address Endress+Hauser UK:
Endress+Hauser Ltd.
Floats Road
Manchester M23 9NF
United Kingdom
www.uk.endress.com
2.6
IT security
Our warranty is valid only if the device is installed and used as described in the Operating
Instructions. The device is equipped with security mechanisms to protect it against any
inadvertent changes to the settings.
IT security measures, which provide additional protection for the device and associated
data transfer, must be implemented by the operators themselves in line with their security
standards.
2.7
Device-specific IT security
2.7.1
Access via the SmartBlue app
Two access levels (user roles) are defined for the device: the Operator user role and the
Maintenance user role. The Maintenance user role is the default setting.
If a user-specific access code is not defined (in the Set access code parameter), the default
setting 0000 continues to apply and the Maintenance user role is automatically enabled.
The device's configuration data are not write-protected and can be edited at all times.
If a user-specific access code has been defined (in the Set access code parameter), all the
parameters are write-protected and the device is accessed with the Operator user role. The
previously defined access code must first be entered again before the Maintenance user
role is enabled and all the parameters can be write-accessed.
2.7.2
Protecting access via a password
Different passwords are available to protect write access to the device parameters or access
to the device via the Bluetooth® interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com