Electronic Components Datasheet Search
  English  ▼

X  

MP1231A Datasheet(PDF) 3 Page - Exar Corporation

Part # MP1231A
Description  CMOS Microprocessor Compatible Double-Buffered 12-Bit Digital-to-Analog Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP1231A Datasheet(HTML) 3 Page - Exar Corporation

  MP1231A Datasheet HTML 1Page - Exar Corporation MP1231A Datasheet HTML 2Page - Exar Corporation MP1231A Datasheet HTML 3Page - Exar Corporation MP1231A Datasheet HTML 4Page - Exar Corporation MP1231A Datasheet HTML 5Page - Exar Corporation MP1231A Datasheet HTML 6Page - Exar Corporation MP1231A Datasheet HTML 7Page - Exar Corporation MP1231A Datasheet HTML 8Page - Exar Corporation MP1231A Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MP1230A/31A/32A
3
Rev. 2.00
ELECTRICAL CHARACTERISTICS
(VDD = + 15 V, VREF = +10 V unless otherwise noted)
25
°C
Tmin to Tmax
Parameter
Symbol
Min
Typ
Max
Min
Max
Units
Test Conditions/Comments
STATIC PERFORMANCE1
FSR = Full Scale Range
Resolution (All Grades)
N
12
12
Bits
Integral Non-Linearity
INL
LSB
Best Fit Straight Line Spec.
(Relative Accuracy)
(Max INL – Min INL) / 2
MP1230ABN/ATD/ABS
+1/2
+1/2
MP1231ABN/ATD/ABS
+1+1
MP1232ABN/ATD/ABS
+2+2
Differential Non-Linearity
DNL
LSB
MP1230ABN/ATD/ABS
+3/4
+3/4
MP1231ABN/ATD/ABS
+1+1
MP1232ABN/ATD/ABS
+2+2
Gain Error
GE
+0.4
+0.4
% FSR
Using Internal RFB
Gain Temperature Coefficient2
TCGE
0.5
+2
ppm/
°C
∆Gain/∆Temperature
Power Supply Rejection Ratio
PSRR
5
+20
+20
ppm/%
|∆Gain/∆VDD| ∆VDD = + 0.25V
Output Leakage Current
IOUT
1+10
+200
nA
DYNAMIC PERFORMANCE2
RL=100Ω, CL=13pF
Current Settling Time
tS
1.0
µsec
Full Scale Change to 1/2 LSB
AC Feedthrough at IOUT1
FT
1.0
mV p-p
VREF=100kHz, 20Vp-p, sinewave
REFERENCE INPUT
Input Resistance
RIN
5
10
20
5
20
k
Ω
DIGITAL INPUTS
Logical “1” Voltage
VIH
3.0
2.4
3.0
V
Logical “0” Voltage
VIL
0.8
0.8
V
Input Leakage Current
ILKG
+1+1
µAVIN = 0, 5 V
Input Capacitance2
10
pF
ANALOG OUTPUTS2
Output Capacitance
COUT1
80
100
100
pF
DAC Inputs all 1’s
COUT1
40
60
60
pF
DAC Inputs all 0’s
COUT2
65
85
85
pF
DAC Inputs all 1’s
COUT2
25
45
45
pF
DAC Inputs all 0’s
POWER SUPPLY
Functional Voltage Range4
VDD
+4.5
+16
+4.5
+16
V
Supply Current
IDD
1.2
2.0
2.0
mA
All digital inputs = 0 V or all = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com