Electronic Components Datasheet Search
  English  ▼

X  

MP1231A Datasheet(PDF) 1 Page - Exar Corporation

Part # MP1231A
Description  CMOS Microprocessor Compatible Double-Buffered 12-Bit Digital-to-Analog Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP1231A Datasheet(HTML) 1 Page - Exar Corporation

  MP1231A Datasheet HTML 1Page - Exar Corporation MP1231A Datasheet HTML 2Page - Exar Corporation MP1231A Datasheet HTML 3Page - Exar Corporation MP1231A Datasheet HTML 4Page - Exar Corporation MP1231A Datasheet HTML 5Page - Exar Corporation MP1231A Datasheet HTML 6Page - Exar Corporation MP1231A Datasheet HTML 7Page - Exar Corporation MP1231A Datasheet HTML 8Page - Exar Corporation MP1231A Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MP1230A/31A/32A
1
Rev. 2.00
FEATURES
• Superior Ruggedized 1230 Series: 2 KV ESD
• Four Quadrant Multiplication
• Stable, More Accurate Segmented DAC Approach
–
0.2 ppm/
°C Linearity Tempco
–
2 ppm/
°C Max Gain Error Tempco
–
Lowest Sensitivity to Amplifier Offset
–
Lowest Output Capacitance (COUT = 80pF)
–
Lower Glitch Energy
• Monotonic over Temperature Range
CMOS Microprocessor Compatible
Double-Buffered 12-Bit
Digital-to-Analog Converter
• Lower Data Bus Feedthrough @ CS = 1
• VDD from +11 V to +16 V
• Latch-Up Free CMOS Technology
• 12-Bit Bus Version: MP1208/1209/1210
• 16-Bit Upgrade: MP7636A
GENERAL DESCRIPTION
The MP1230A series are superior pin for pin replacements
for the 1230 series. The MP1230A series is manufactured using
advanced thin film resistors on a double metal CMOS process
which promotes significant improvements in reliability, latch-up
free performance and ESD protection.
The MP1230A series incorporates a unique decoding tech-
nique yielding lower glitch, higher speed and excellent accuracy
over temperature and time. 12-bit linearity is achieved without
trimming. Outstanding features include:
–
Stability: integral and differential linearity tempcos are rated
at 0.2 ppm/
°C typical. Monotonicity is guaranteed over all
temperature ranges. Scale factor tempco is a low 2 ppm/
°C
maximum.
–
Low Output Capacitance: Due to smaller MOSFET switch
geometries allowed by decoding, the output capacitance at
IOUT1 and IOUT2 is a low 80pF / 40pF and 25pF / 65 pF. This
less than half the competitive DAC 1230 series. Lower ca-
pacitance allows the MP1230A series to achieve settling
times faster than 1
µs for a 10 V step.
–
Low Sensitivity to Output Amplifier Offset: The linearity er-
ror caused by amplifier offset is reduced by a factor of 2 in the
MP1230A series over conventional R-2R DACs.
The MP1230A series uses a circuit which reduces transients
in the supplies caused by DATA bus transitions at CS = 1.
SIMPLIFIED BLOCK DIAGRAM
DGND
12
DQ
DQ
DB11-DB4
DB3-DB0
DQ
AGND
12
8
4
4
8
8
INPUT LATCH
DAC LATCH
VDD
VREF
RFB
IOUT1
IOUT2
VREF
BYTE1/BYTE2
CS
WR1
XFER WR2
LE
LE
LE


Similar Part No. - MP1231A

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
MP12327A MULTICOMP-MP12327A Datasheet
1Mb / 3P
Professional Jack Sockets 6.35mm
16/09/21 V1.0
MP12391A MULTICOMP-MP12391A Datasheet
1Mb / 3P
Professional Jack Sockets 6.35mm
16/09/21 V1.0
More results

Similar Description - MP1231A

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7545 BURR-BROWN-DAC7545 Datasheet
203Kb / 7P
CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
DAC811 BURR-BROWN-DAC811 Datasheet
96Kb / 9P
Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC813 BURR-BROWN-DAC813 Datasheet
298Kb / 11P
Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Exar Corporation
MP7636 EXAR-MP7636 Datasheet
84Kb / 8P
15 V CMOS Microprocessor Compatible Double-Buffered, Multiplying 16-Bit Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC667 BURR-BROWN-DAC667 Datasheet
159Kb / 9P
Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC811 TI1-DAC811 Datasheet
273Kb / 14P
Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC813 TI1-DAC813 Datasheet
548Kb / 16P
Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7545 BURR-BROWN-DAC7545 Datasheet
383Kb / 12P
CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC7545JP TI1-DAC7545JP Datasheet
383Kb / 12P
CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
DAC7545 TI1-DAC7545_16 Datasheet
612Kb / 13P
CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com