Electronic Components Datasheet Search
  English  ▼

X  

MP1231A Datasheet(PDF) 4 Page - Exar Corporation

Part # MP1231A
Description  CMOS Microprocessor Compatible Double-Buffered 12-Bit Digital-to-Analog Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP1231A Datasheet(HTML) 4 Page - Exar Corporation

  MP1231A Datasheet HTML 1Page - Exar Corporation MP1231A Datasheet HTML 2Page - Exar Corporation MP1231A Datasheet HTML 3Page - Exar Corporation MP1231A Datasheet HTML 4Page - Exar Corporation MP1231A Datasheet HTML 5Page - Exar Corporation MP1231A Datasheet HTML 6Page - Exar Corporation MP1231A Datasheet HTML 7Page - Exar Corporation MP1231A Datasheet HTML 8Page - Exar Corporation MP1231A Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MP1230A/31A/32A
4
Rev. 2.00
25
°C
NOTES:
Parameter
Symbol
Min
Typ
Max
Min
Max
Units
Test Conditions/Comments
SWITCHING
CHARACTERISTICS2, 3
Chip Select to Write Set-Up Time
tCS
200
100
ns
Chip Select to Write Hold Time
tCH
10
0
ns
Data Valid to Write Set-Up Time
tDS
100
50
ns
Data Valid to Write Hold Time
tDH
90
70
ns
Write Pulse Width,
tWR
100
50
ns
Specifications are subject to change without notice
ELECTRICAL CHARACTERISTICS (CONT’D)
Tmin to Tmax
1
Full Scale Range (FSR) is 10V.
2
Guaranteed but not production tested.
3
See timing diagram.
4
Specified values guarantee functionality. Refer to other parameters for accuracy.
ABSOLUTE MAXIMUM RATINGS (TA = +25
°C unless otherwise noted)1, 2
VDD to GND
+17 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital Input Voltage to GND
GND –0.5 to VDD +0.5 V
. . . .
IOUT1, IOUT2 to GND
GND –0.5 to +6.5 V
. . . . . . . . . . . . . . . .
VREF to GND
+25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VRFB to GND
+25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
AGND to DGND
+1 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(Functionality Guaranteed +0.5 V)
Storage Temperature
–65
°C to +150°C
. . . . . . . . . . . . . . . . .
Lead Temperature (Soldering, 10 seconds)
+300
°C
. . . . . .
Package Power Dissipation Rating to 75
°C
CDIP, PDIP, SOIC
900mW
. . . . . . . . . . . . . . . . . . . . . . . . .
Derates above 75
°C
12mW/
°C
. . . . . . . . . . . . . . . . . . . . .
NOTES:
1
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a
stress rating only and functional operation at or above this specification is not implied. Exposure to maximum rating
conditions for extended periods may affect device reliability.
2
Any input pin which can see a value outside the absolute maximum ratings should be protected by Schottky diode clamps
(HP5082-2835) from input pin to the supplies.
All inputs have protection diodes which will protect the device from short
transients outside the supplies of less than 100mA for less than 100
µs.
3
GND refers to AGND and DGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com