Electronic Components Datasheet Search
  English  ▼

X  

MP1231A Datasheet(PDF) 5 Page - Exar Corporation

Part # MP1231A
Description  CMOS Microprocessor Compatible Double-Buffered 12-Bit Digital-to-Analog Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP1231A Datasheet(HTML) 5 Page - Exar Corporation

  MP1231A Datasheet HTML 1Page - Exar Corporation MP1231A Datasheet HTML 2Page - Exar Corporation MP1231A Datasheet HTML 3Page - Exar Corporation MP1231A Datasheet HTML 4Page - Exar Corporation MP1231A Datasheet HTML 5Page - Exar Corporation MP1231A Datasheet HTML 6Page - Exar Corporation MP1231A Datasheet HTML 7Page - Exar Corporation MP1231A Datasheet HTML 8Page - Exar Corporation MP1231A Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MP1230A/31A/32A
5
Rev. 2.00
TIMING DIAGRAM
t CH
50%
50%
50%
50%
50%
50%
SETTLED TO
+0.01%
CS, BYTE1/BYTE2
WR
DATA BITS
tCS
tWR
tDS
tDH
VIH
VIL
VIH
VIL
VIH
VIL
IOUT1, IOUT2
tS
DEFINITION OF CONTROL SIGNALS:
CS:
Chip Select.(Active low)
It will enable WR1.
WR1:
Write 1 (Active low)
The WR1 is used to load the digital data bits (DB) into
the input latch.
BYTE1/BYTE2:
Byte sequence control.
The BYTE1/BYTE2 control pin is used to select both
MSB and LSB input latches.
WR2:
Write 2 (Active low)
It will enable XFER.
XFER:
Transfer control signal (Active low)
This signal in combination with WR2 causes the 16-bit
data which is available in the input latches to transfer
to the DAC register
DB0 to DB11: Digital Inputs.
DB0 is the least significant digital input (LSB) and
DB11 is the most significant digital input (MSB).
IOUT1:
DAC Current Output 1 Bus.
IOUT1 is a maximum for a digital code of all 1’s in the
DAC register, and is zero for all 0’s in the DAC register.
IOUT2:
DAC Current Output 2 Bus.
IOUT2 is a complement of IOUT1.
RFB:
Feedback Resistor.
This internal feedback resistor should always be used
(not an external resistor) since it matches the resistors
in the DAC and tracks these resistors over tempera-
ture.
VREF:
Reference Voltage Input.
This input connects an external precision voltage
source to the internal DAC. The VREF can be selected
over the range of +25V to –25V or the analog signal for
a 4-quadrant multiplying mode application.
VDD:
Power Supply Voltage.
This is the power supply pin for the part. The VDD can
be from +5 V DC to +15 V DC, however optimum volt-
age is +12 to +15 V DC.
AGND: Analog Ground
Back gate of the DAC N-channel current steering
switches.
DGND: Digital Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com