Electronic Components Datasheet Search
  English  ▼

X  

ISO722 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ISO722
Description  3.3-V / 5-V HIGH-SPEED DIGITAL ISOLATORS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO722 Datasheet(HTML) 5 Page - Texas Instruments

  ISO722 Datasheet HTML 1Page - Texas Instruments ISO722 Datasheet HTML 2Page - Texas Instruments ISO722 Datasheet HTML 3Page - Texas Instruments ISO722 Datasheet HTML 4Page - Texas Instruments ISO722 Datasheet HTML 5Page - Texas Instruments ISO722 Datasheet HTML 6Page - Texas Instruments ISO722 Datasheet HTML 7Page - Texas Instruments ISO722 Datasheet HTML 8Page - Texas Instruments ISO722 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS: V
CC1 at 5-V, VCC2 at 3.3-V OPERATION
SWITCHING CHARACTERISTICS: V
CC1 at 5-V, VCC2 at 3.3-V OPERATION
ISO721, ISO721M
ISO722, ISO722M
SLLS629B – JANUARY 2006 – REVISED MAY 2006
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Quiescent
0.5
1
ICC1
VCC1 supply current
VI = VCC or 0 V, No load
mA
25 Mbps
2
4
ISO722/722M
EN at VCC
150
µA
Sleep Mode
VI = VCC or 0 V,
No load
ICC2
VCC2 supply current
EN at 0 V or
Quiescent
4
6.5
ISO721/721M
mA
25 Mbps
VI = VCC or 0 V, No load
5
7.5
IOH = –4 mA, See Figure 1
VCC – 0.4
3
VOH
High-level output voltage
V
IOH = –20 µA, See Figure 1
VCC – 0.1
3.3
IOL = 4 mA, See Figure 1
0.2
0.4
VOL
Low-level output voltage
V
IOL = 20 µA, See Figure 1
0
0.1
VI(HYS) Input voltage hysteresis
150
mV
IIH
High-level input current
EN, IN at 2 V
10
µA
IIL
Low-level input current
EN, IN at 0.8 V
–10
High-impedance output
IOZ
ISO722, ISO722M
EN, IN at VCC
1
µA
current
CI
Input capacitance to ground
IN at VCC, VI = 0.4 sin (4E6πt)
1
pF
CMTI
Common-mode transient immunity
VI = VCC or 0 V, See Figure 5
25
40
kV/
µs
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay, low-to-high-level output
15
19
30
tPHL
Propagation delay , high-to-low-level output
ISO72x
15
19
30
ns
tsk(p)
Pulse skew |tPHL– tPLH|
0.5
3
EN at 0 V,
See Figure 1
tPLH
Propagation delay, low-to-high-level output
10
12
20
tPHL
Propagation delay, high-to-low-level output
ISO72xM
10
12
20
tsk(p)
Pulse skew |tPHL– tPLH|
0.5
1
tsk(pp)(1)
Part-to-part skew
0
5
ns
tr
Output signal rise time
2
EN at 0 V,
ns
See Figure 1
tf
Output signal fall time
2
Sleep-mode propagation delay,
tpHZ
7
11
25
ns
high-level-to-high-mpedance output
See Figure 2
Sleep-mode propagation delay,
tpZH
4.5
6
8
µs
high-impedance-to-high-level output
ISO722
ISO722M
Sleep-mode propagation delay,
tpLZ
7
13
25
ns
low-level-to-high-impedance output
See Figure 3
Sleep-mode propagation delay,
tpZL
4.5
6
8
µs
high-impedance-to-low-level output
tfs
Failsafe output delay time from input power loss
See Figure 4
3
µs
100 Mbps NRZ data input, See Figure 6
2
ISO72x
100 Mbps unrestricted bit run length data
3
input, See Figure 6
tjit(PP)
Peak-to-peak eye-pattern jitter
ns
150 Mbps NRZ data input, See Figure 6
1
ISO72xM 150 Mbps unrestricted bit run length data
2
input, See Figure 6
(1)
tsk(PP) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when both devices
operate with the same supply voltages, at the same temperature, and have identical packages and test circuits.
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com