Electronic Components Datasheet Search
  English  ▼

X  

ISO722 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ISO722
Description  3.3-V / 5-V HIGH-SPEED DIGITAL ISOLATORS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO722 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ISO722 Datasheet HTML 7Page - Texas Instruments ISO722 Datasheet HTML 8Page - Texas Instruments ISO722 Datasheet HTML 9Page - Texas Instruments ISO722 Datasheet HTML 10Page - Texas Instruments ISO722 Datasheet HTML 11Page - Texas Instruments ISO722 Datasheet HTML 12Page - Texas Instruments ISO722 Datasheet HTML 13Page - Texas Instruments ISO722 Datasheet HTML 14Page - Texas Instruments ISO722 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
www.ti.com
DEVICE INFORMATION
DEVICE I/O SCHEMATIC
13 W
8 W
VCC2
EN
1 MW
Enable
VCC2
500 W
VCC2
Output
OUT
IN
1 MW
Input
VCC1
VCC1
500 W
VCC1
ISO721, ISO721M
ISO722, ISO722M
SLLS629B – JANUARY 2006 – REVISED MAY 2006
PACKAGE CHARACTERISTICS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
L(101) Minimum air gap (Clearance) (1)
Shortest terminal to terminal distance through air
4.8
mm
Shortest terminal to terminal distance across the
L(102) Minimum external tracking (Creepage)
4.3
mm
package surface
Tracking resistance (comparative tracking
CTI
DIN IEC 60112/VDE 0303 Part 1
≥ 175
V
index)
Minimum internal gap (internal clearance)
Distance through insulation
0.008
mm
Input to output, VIO = 500 V, all pins on each side
RIO
Isolation resistance
of the barrier tied together creating a two-terminal
>1012
Ω
device
Barrier capacitance
CIO
VI = 0.4 sin (4E6πt)
1
pF
Input-to-output
CI
Input capacitance to ground
VI = 0.4 sin (4E6πt)
1
pF
(1)
Creepage and clearance requirements are applied according to the specific equipment isolation standards of an application. Care should
be taken to maintain the creepage and clearance distance of a board design to ensure that the mounting pads of the isolator on the
printed circuit board do not reduce this distance.
Creepage and clearance on a printed circuit board become equal according to the measurement techniques shown in the Isolation
Glossary. Techniques such as inserting grooves and/or ribs on a printed circuit board are used to help increase these specifications.
IEC 60664-1 RATINGS TABLE
PARAMETER
TEST CONDITIONS
SPECIFICATION
Basic isolation group
Material group
IIIa
Rated mains voltage
≤150 VRMS
I-IV
Installation classification
Rated mains voltage
≤300 VRMS
I-III
Equivalent Input and Output Schematic Diagrams
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com