Electronic Components Datasheet Search
  English  ▼

X  

ISO722 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # ISO722
Description  3.3-V / 5-V HIGH-SPEED DIGITAL ISOLATORS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO722 Datasheet(HTML) 15 Page - Texas Instruments

Back Button ISO722 Datasheet HTML 11Page - Texas Instruments ISO722 Datasheet HTML 12Page - Texas Instruments ISO722 Datasheet HTML 13Page - Texas Instruments ISO722 Datasheet HTML 14Page - Texas Instruments ISO722 Datasheet HTML 15Page - Texas Instruments ISO722 Datasheet HTML 16Page - Texas Instruments ISO722 Datasheet HTML 17Page - Texas Instruments ISO722 Datasheet HTML 18Page - Texas Instruments ISO722 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
www.ti.com
0
-10
-20
-30
-40
-50
-80
-60
-70
0
1
2
3
4
5
6
V
-Level Output Voltage
OH − High
− V
TA = 25 C
o
V
= 5 V
CC
V
= 3.3 V
CC
2.78
2.82
2.8
2.84
2.86
2.88
2.9
2.92
-40
-25
-10
5
20
35
50
65
80
95
110
125
T
Free-Air Temperature
C
A
o
−
−
Vfs+
Vfs-
V
= 5 V or 3.3 V,
CC
C
= 15 pF,
Air Flow at 7 cf/m
L
0
10
20
30
40
70
50
60
0
1
2
3
4
5
V
Low-Level Output Voltage
OL −
− V
TA = 25 C
o
V
= 5 V
CC
V
= 3.3 V
CC
ISO721, ISO721M
ISO722, ISO722M
SLLS629B – JANUARY 2006 – REVISED MAY 2006
TYPICAL CHARACTERISTICS (continued)
VCC1 FAILSAFE THRESHOLD VOLTAGE vs
HIGH-LEVEL OUTPUT CURRENT vs HIGH-LEVEL OUTPUT
FREE-AIR TEMPERATURE
VOLTAGE
Figure 14.
Figure 15.
LOW-LEVEL OUTPUT CURRENT vs
LOW-LEVEL OUTPUT VOLTAGE
Figure 16.
15
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com