Electronic Components Datasheet Search
  English  ▼

X  

ISO722 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ISO722
Description  3.3-V / 5-V HIGH-SPEED DIGITAL ISOLATORS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO722 Datasheet(HTML) 3 Page - Texas Instruments

  ISO722 Datasheet HTML 1Page - Texas Instruments ISO722 Datasheet HTML 2Page - Texas Instruments ISO722 Datasheet HTML 3Page - Texas Instruments ISO722 Datasheet HTML 4Page - Texas Instruments ISO722 Datasheet HTML 5Page - Texas Instruments ISO722 Datasheet HTML 6Page - Texas Instruments ISO722 Datasheet HTML 7Page - Texas Instruments ISO722 Datasheet HTML 8Page - Texas Instruments ISO722 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
IEC 60747-5-2 INSULATION CHARACTERISTICS
(1)
ISO721, ISO721M
ISO722, ISO722M
SLLS629B – JANUARY 2006 – REVISED MAY 2006
UNIT
VCC
Supply voltage(2), VCC1, VCC2
–0.5 V to 6 V
VI
Voltage at IN, OUT, or EN terminal
–0.5 V to 6 V
IO
Output Current
±15 mA
Human Body Model
JEDEC Standard 22, Test Method A114-C.01
±2 kV
Electrostatic
ESD
All pins
discharge
Charged Device Model
JEDEC Standard 22, Test Method C101
±1 kV
TJ
Maximum junction temperature
170°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values except differential I/O bus voltages are with respect to network ground terminal and are peak voltage values. Vrms
values are not listed in this publication.
MIN
TYP
MAX
UNIT
4.5
5.5
VCC
Supply voltage, VCC1, VCC2
V
3
3.6
IOH
4
Output current
mA
IOL
-4
ISO72x
10
tui
Input pulse width
ns
ISO72xM
6.67
VIH
High-level input voltage (IN, EN)
2
VCC
ISO72x
V
VIL
Low-level input voltage (IN, EN)
0
0.8
VIH
High-level input voltage (IN, EN)
0.7 VCC
VCC
IOS72xM
V
VIL
Low-level input voltage (IN, EN)
0
0.3 VCC
TJ
Junction temperature
See the Thermal Characteristics table
150
°C
External magnetic field intensity per IEC 61000-4-8 and IEC 61000-4-9
H
1000
A/m
certification
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
SPECIFICATIONS
UNIT
VIORM
Maximum working insulation voltage
560
V
After Input/Output Safety Test Subgroup 2/3
VPR = VIORM × 1.2, t = 10 s,
672
V
Partial discharge < 5 pC
Method a, VPR = VIORM × 1.6,
VPR
Input to output test voltage
Type and sample test with t = 10 s,
896
V
Partial discharge < 5 pC
Method b1, VPR = VIORM × 1.875,
100 % Production test with t = 1 s,
1050
V
Partial discharge < 5 pC
VIOTM
Transient overvoltage
t = 60 s
4000
V
RS
Insulation resistance
VIO = 500 V at TS
>109
Ω
Pollution degree
2
(1)
Climatic Classification 40/125/21
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com