Electronic Components Datasheet Search
  English  ▼

X  

STE Datasheet(PDF) 4 Page - Vishay Siliconix

Part # STE
Description  SuperTan® Wet Tantalum Capacitors With Hermetic Seal, Extended Range
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

STE Datasheet(HTML) 4 Page - Vishay Siliconix

  STE Datasheet HTML 1Page - Vishay Siliconix STE Datasheet HTML 2Page - Vishay Siliconix STE Datasheet HTML 3Page - Vishay Siliconix STE Datasheet HTML 4Page - Vishay Siliconix STE Datasheet HTML 5Page - Vishay Siliconix STE Datasheet HTML 6Page - Vishay Siliconix STE Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
STE
www.vishay.com
Vishay
Upgrade for High Shock & Vibration Performance: STH; Plus Reverse Voltage Tolerance: T18
Revision: 05-Jul-2022
4
Document Number: 43009
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
60 VDC AT +85 °C; 40 VDC AT +125 °C
68
60
T1
STE68-60T1MI
1.50
< 0.600
1.5
7.5
-30
10
12
40.00
1400
220
60
T2
STE220-60T2MI
0.90
< 0.400
3
30
-45
10
15
16.00
2000
560
60
T3
STE560-60T3MI
0.90
< 0.300
20
120
-70
12
15
10.00
2500
750
60
T4
STE750-60T4MI
0.50
< 0.400
20
120
-35
10
15
6.50
3500
1000
60
T4
STE1000-60T4MI
0.50
< 0.300
20
120
-40
10
15
5.50
3500
1200
60
T4
STE1200-60T4MI
0.50
< 0.300
20
200
-70
15
20
6.00
3500
1800
60
T4 (2)
STE1800-60T4MI
0.50
< 0.300
25
250
-75
25
25
6.00
3000
75 VDC AT +85 °C; 50 VDC AT +125 °C
56
75
T1
STE56-75T1MI
1.60
< 0.800
1.5
7.5
-30
8
10
40.00
1750
180
75
T2
STE180-75T2MI
1.50
< 0.500
5
25
-35
15
20
30.00
2000
470
75
T3
STE470-75T3MI
0.60
< 0.325
25
100
-45
10
25
10.00
3000
750
75
T4
STE750-75T4MI
0.50
< 0.400
20
120
-35
10
15
6.50
3500
1200
75
T4 (2)
STE1200-75T4MI
0.80
< 0.350
25
250
-75
25
35
8.00
2750
100 VDC AT +85 °C; 65 VDC AT +125 °C
22
100
T1
STE22-100T1MI
3.00
< 1.500
1
5
-15
4
10
100.00
1200
86
100
T2
Preliminary value, contact marketing
220
100
T3
STE220-100T3MI
1.40
< 0.200
5
25
-55
10
15
18.00
2500
300
100
T4
STE300-100T4MI
0.70
< 0.400
10
120
-40
6
12
15.00
3000
400
100
T4
STE400-100T4MI
0.70
< 0.400
10
120
-40
6
12
15.00
3000
470
100
T4
STE470-100T4MI
0.70
< 0.450
25
250
-50
10
25
15.00
3000
125 VDC AT +85 °C; 85 VDC AT +125 °C
18
125
T1
Preliminary value, contact marketing
56
125
T2
Preliminary value, contact marketing
150
125
T3
Preliminary value, contact marketing
220
125
T4
STE220-125T4MI
0.80
< 0.600
15
150
-35
6
12
20.00
2500
240
125
T4
STE240-125T4MI
0.80
< 0.600
15
150
-35
6
12
20.00
2500
STANDARD RATINGS
CAPACITANCE
(μF)
VOLTAGE
CASE
CODE
PART NUMBER (1)
MAX.
ESR
AT
+25 °C
120 Hz
(
Ω)
TYP.
ESR AT
+25 °C
1 kHz
(
Ω)
MAX. DCL AT
MAX. CAPACITANCE
CHANGE AT
MAX.
IMP. AT
-55 °C
120 Hz
(
Ω)
AC
RIPPLE
85 °C
40 kHz
mA RMS
+25 °C
(μA)
+85 °C /
+125 °C
(μA)
-55 °C
(%)
+85 °C
(%)
+125 °C
(%)
Notes
(1) Part numbers shown are for units with ± 20 % capacitance tolerance and insulated capacitors.
For units with ± 10 % capacitance tolerance change the letter “M” to “K”.
For units without insulation, substitute “X” with “I” at the end of the part number.
For RoHS-compliant add the “E3” for suffix
(2) Requires export license for shipments outside the US. Contact marketing for availability



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com