Electronic Components Datasheet Search
  English  ▼

X  

STE Datasheet(PDF) 3 Page - Vishay Siliconix

Part # STE
Description  SuperTan® Wet Tantalum Capacitors With Hermetic Seal, Extended Range
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

STE Datasheet(HTML) 3 Page - Vishay Siliconix

  STE Datasheet HTML 1Page - Vishay Siliconix STE Datasheet HTML 2Page - Vishay Siliconix STE Datasheet HTML 3Page - Vishay Siliconix STE Datasheet HTML 4Page - Vishay Siliconix STE Datasheet HTML 5Page - Vishay Siliconix STE Datasheet HTML 6Page - Vishay Siliconix STE Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
STE
www.vishay.com
Vishay
Upgrade for High Shock & Vibration Performance: STH; Plus Reverse Voltage Tolerance: T18
Revision: 05-Jul-2022
3
Document Number: 43009
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
STANDARD RATINGS
CAPACITANCE
(μF)
VOLTAGE
CASE
CODE
PART NUMBER (1)
MAX.
ESR
AT
+25 °C
120 Hz
(
Ω)
TYP.
ESR AT
+25 °C
1 kHz
(
Ω)
MAX. DCL AT
MAX. CAPACITANCE
CHANGE AT
MAX.
IMP. AT
-55 °C
120 Hz
(
Ω)
AC
RIPPLE
85 °C
40 kHz
mA RMS
+25 °C
(μA)
+85 °C /
+125 °C
(μA)
-55 °C
(%)
+85 °C
(%)
+125 °C
(%)
10 VDC AT +85 °C; 7 VDC AT +125 °C
680
10
T1
Preliminary value, contact marketing
2000
10
T2
Preliminary value, contact marketing
4700
10
T3
STE4700-10T3MI
0.35
< 0.200
16
100
-80
10
20
3.50
4000
10 000
10
T4
STE10000-10T4MI
0.25
< 0.100
25
150
-85
20
35
3.00
5000
16 VDC AT +85 °C; 11 VDC AT +125 °C
430
16
T1
Preliminary value, contact marketing
1200
16
T2
Preliminary value, contact marketing
3300
16
T3
STE3300-16T3MI
0.35
< 0.200
16
100
-80
10
15
3.50
4000
6000
16
T4
STE6000-16T4MI
0.30
< 0.150
25
150
-80
15
20
3.00
4500
25 VDC AT +85 °C; 15 VDC AT +125 °C
270
25
T1
Preliminary value, contact marketing
1000
25
T2
Preliminary value, contact marketing
2200
25
T3
Preliminary value, contact marketing
4000
25
T4
STE4000-25T4MI
0.35
< 0.150
25
125
-80
15
20
5.00
4250
30 VDC AT +85 °C; 20 VDC AT +125 °C
220
30
T1
Preliminary value, contact marketing
820
30
T2
STE820-30T2MI
1.00
< 0.600
3.5
18
-75
12
20
20.00
1650
1800
30
T3
Preliminary value, contact marketing
3300
30
T4
STE3300-30T4MI
0.35
< 0.200
25
125
-80
20
25
4.00
2750
35 VDC AT +85 °C; 22 VDC AT +125 °C
180
35
T1
Preliminary value, contact marketing
680
35
T2
STE680-35T2MI
0.95
< 0.500
5
25
-75
16
20
16.00
2500
1500
35
T3
Preliminary value, contact marketing
2800
35
T4
STE2800-35T4MI
0.35
< 0.200
25
125
-80
20
30
4.50
4000
50 VDC AT +85 °C; 30 VDC AT +125 °C
110
50
T1
STE110-50T1MI
1.60
< 1.000
2
7.5
-40
10
15
40.00
1500
470
50
T2
STE470-50T2MI
0.90
< 0.600
5
50
-60
8
12
12.00
2000
520
50
T2
STE520-50T2MI
1.00
< 0.600
3
15
-80
12
18
20.00
1700
600
50
T2
STE600-50T2MI
1.00
< 0.600
5
25
-80
12
18
20.00
1700
750
50
T4
STE750-50T4MI
0.50
< 0.400
20
120
-35
10
15
6.50
3500
900
50
T3
STE900-50T3MI
0.90
< 0.300
15
125
-75
20
20
10.00
2500
950
50
T3
STE950-50T3MI
0.90
< 0.300
15
125
-75
20
20
10.00
2500
1000
50
T4
STE1000-50T4MI
0.50
< 0.300
20
120
-40
10
15
5.50
3500
1200
50
T4
STE1200-50T4MI
0.80
< 0.350
25
250
-75
25
35
8.00
2750
1500
50
T3
STE1500-50T3MI
1.00
< 0.300
25
130
-85
25
30
8.00
2400
1500
50
T4
STE1500-50T4MI
0.35
< 0.215
15
110
-70
20
20
6.00
3500
2200
50
T4
STE2200-50T4MI
0.60
< 0.400
25
125
-80
25
30
4.50
3000
Notes
(1) Part numbers shown are for units with ± 20 % capacitance tolerance and insulated capacitors.
For units with ± 10 % capacitance tolerance change the letter “M” to “K”.
For units without insulation, substitute “X” with “I” at the end of the part number.
For RoHS-compliant add the “E3” for suffix
(2) Requires export license for shipments outside the US. Contact marketing for availability



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com