Electronic Components Datasheet Search
  English  ▼

X  

STE Datasheet(PDF) 1 Page - Vishay Siliconix

Part # STE
Description  SuperTan® Wet Tantalum Capacitors With Hermetic Seal, Extended Range
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

STE Datasheet(HTML) 1 Page - Vishay Siliconix

  STE Datasheet HTML 1Page - Vishay Siliconix STE Datasheet HTML 2Page - Vishay Siliconix STE Datasheet HTML 3Page - Vishay Siliconix STE Datasheet HTML 4Page - Vishay Siliconix STE Datasheet HTML 5Page - Vishay Siliconix STE Datasheet HTML 6Page - Vishay Siliconix STE Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
STE
www.vishay.com
Vishay
Upgrade for High Shock & Vibration Performance: STH; Plus Reverse Voltage Tolerance: T18
Revision: 05-Jul-2022
1
Document Number: 43009
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SuperTan® Wet Tantalum Capacitors With Hermetic Seal,
Extended Range
LINKS TO ADDITIONAL RESOURCES
PERFORMANCE CHARACTERISTICS
Operating Temperature: -55 °C to +85 °C
(to +125 °C with voltage derating)
Capacitance Tolerance: at 120 Hz, +25 °C.
± 20 % standard. ± 10 % available as special.
DC Leakage Current (DCL Max.): at +25 °C and above:
leakage current shall not exceed the values listed in the
Standard Ratings tables.
Life Test: capacitors are capable of withstanding a 2000 h
life test at a temperature of +85 °C at the applicable rated
DC working voltage.
FEATURES
Vishay SuperTan® Extended (STE) represents a
major breakthrough in wet tantalum capacitor
technology. Its unique cathode system, also used
in the ST, provides the highest capacitance per
unit volume available. The STE combines the
inherent reliability of wet tantalum with the capacitance
stability of solid tantalum, and there are no circuit
impedance restrictions. The range is exceptionally well
suited for low voltage filtering and energy storage
applications. Ideal for designs targeting the military and
aerospace industry.
The SuperTan® Extended (STE) is housed in an all tantalum,
hermetically sealed case and is manufactured to withstand
high stress and hazardous environments.
• Axial through-hole terminations: standard tin / lead (Sn / Pb),
100 % tin (RoHS-compliant) available
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details
Notes
• Packaging: The use of formed plastic trays for packing bulk components is standard. Tape and reel cannot be used due to unit weight
(1) Sleeve on J, K, L, M terminations shall be Kapton only
(2) J, K, L, M are available in T4. For all other case sizes, check with marketing
333
DDD3 D
3D Models
Available
Available
ORDERING INFORMATION
STE
6000
16
T4
M
I (1)
E3 (2)
TYPE
CAPACITANCE
DC VOLTAGE
CASE
CAPACITANCE
INSULATING
TERMINATION AND PACKAGING
μF
RATING AT +85 °C
CODE
TOLERANCE
SLEEVE
M = ± 20 %
K = ± 10 %
I = insulated
X = uninsulated
E3 = 100 % tin termination
(RoHS-compliant)
Blank = SnPb termination
(standard design)
J = SMD, outside bend, tin / lead
K = SMD, outside bend, 100 % tin
L = SMD, inside bend, tin / lead
M = SMD, inside bend, 100 % tin


Similar Part No. - STE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
STE VISHAY-STE Datasheet
92Kb / 3P
SuperTan® Extended (STE) Capacitors Wet Tantalum with Hermetic Seal
25-Aug-08
logo
ABB
STE ABB-STE Datasheet
484Kb / 2P
ABB cable glands ??STE Star Teck짰 extreme series
logo
SICK AG
STE-0612G000GA3KM0 SICK-STE-0612G000GA3KM0 Datasheet
559Kb / 9P
SAFETY LIGHT CURTAINS
2024-03-01 06:41:22
STE-0612W000GA3KM0 SICK-STE-0612W000GA3KM0 Datasheet
328Kb / 4P
Plug connector
STE-0612W000GA3KM0 SICK-STE-0612W000GA3KM0 Datasheet
559Kb / 9P
SAFETY LIGHT CURTAINS
2024-03-01 06:41:22
More results

Similar Description - STE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
STE VISHAY-STE Datasheet
92Kb / 3P
SuperTan® Extended (STE) Capacitors Wet Tantalum with Hermetic Seal
25-Aug-08
ST220100 VISHAY-ST220100 Datasheet
86Kb / 4P
Super Tan® Wet Tantalum Capacitors with Hermetic Seal
17-Jul-08
93026-44KS VISHAY-93026-44KS Datasheet
72Kb / 4P
DSCC 93026 SuperTan® Wet Tantalum Capacitors
01-Feb-12
93026-38KS VISHAY-93026-38KS Datasheet
72Kb / 4P
DSCC 93026 SuperTan Wet Tantalum Capacitors
01-Feb-12
STE470-75T3MI VISHAY-STE470-75T3MI Datasheet
105Kb / 6P
SuperTan Extended (STE) Capacitors, Wet Tantalum Capacitors with Hermetic Seal
07-Nov-14
ST250-75L2KI VISHAY-ST250-75L2KI Datasheet
98Kb / 6P
SuperTan Wet Tantalum Capacitors with Hermetic Seal
13-Oct-14
T22 VISHAY-T22 Datasheet
158Kb / 10P
Wet Tantalum SMD Capacitors, Tantalum Metal Case With Glass-to-Tantalum Hermetic Seal
13-May-2020
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal for -55 °C to 125 °C Operation
10-Aug-2020
STA VISHAY-STA Datasheet
67Kb / 3P
Wet Tantalum Capacitors with Hermetic Seal
13-Oct-2020
ST VISHAY-ST Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com