Electronic Components Datasheet Search
  English  ▼

X  

STE Datasheet(PDF) 2 Page - Vishay Siliconix

Part # STE
Description  SuperTan® Wet Tantalum Capacitors With Hermetic Seal, Extended Range
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

STE Datasheet(HTML) 2 Page - Vishay Siliconix

  STE Datasheet HTML 1Page - Vishay Siliconix STE Datasheet HTML 2Page - Vishay Siliconix STE Datasheet HTML 3Page - Vishay Siliconix STE Datasheet HTML 4Page - Vishay Siliconix STE Datasheet HTML 5Page - Vishay Siliconix STE Datasheet HTML 6Page - Vishay Siliconix STE Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
STE
www.vishay.com
Vishay
Upgrade for High Shock & Vibration Performance: STH; Plus Reverse Voltage Tolerance: T18
Revision: 05-Jul-2022
2
Document Number: 43009
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Material at egress is tantalum
• Insulation sleeving will lap over the ends of the capacitor case
• Approx. weight:
T1: 2.3 g, T2: 5.7 g
T3: 9.4 g, T4: 14.8 g
AXIAL PRODUCT DIMENSIONS in inches [millimeters]
CASE CODE
D ± 0.016 [0.41]
MAX. INSULATED
(DIA.)
L1 + 0.031 / - 0.016 [+ 0.79 / - 0.41]
UNINSULATED
E ± 0.250 [6.35] MAX.
T1
0.188 [4.78]
0.219 [5.56]
0.453 [11.51]
1.500 [38.10]
T2
0.281 [7.14]
0.312 [7.92]
0.641 [16.28]
2.250 [57.15]
T3
0.375 [9.52]
0.406 [10.31]
0.766 [19.46]
2.250 [57.15]
T4
0.375 [9.52]
0.406 [10.31]
1.062 [26.97]
2.250 [57.15]
“D” Dia.
Terminal Welded
to Case
0.250 (6.35)
Max.
0.094 (2.38)
Max.
EE
L
1
Terminal Location
within 0.031 of Center
0.0253 ± 0.002 [0.64 ± 0.05] dia.
(no. 22 AWG) tinned nickel leads
solderable and weldable
SMD PRODUCT DIMENSIONS in inches [millimeters]
CASE CODE
A
(max.)
B
(max.)
Tl
(max.)
H
(max.)
Tw ± 0.005
H2
(max.)
L
(max.)
L1
D
(max.)
TYPE STE
ST
D
T4
1.432
[36.4]
1.140
[29.0]
0.157
[4.0]
0.295
[7.5]
0.331
[8.4]
0.492
[12.5]
1.343
[34.1]
1.062 + 0.031 / - 0.016
[26.97 + 0.79 / - 0.41]
0.397
[10.1]
Term. code
Solder type
J
100 % tin (RoHS-compliant)
K
SnPb
Styles J, K
A
H2
L
L1
Tw x 2
Tl x 2
H
Ø D
Term. code
Solder type
L
100 % tin (RoHS-compliant)
M
SnPb
Styles L, M
B
H2
L
L1
Tl x 2
Tw x 2
H
Ø D



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com