Electronic Components Datasheet Search
  English  ▼

X  

LT8610 Datasheet(PDF) 13 Page - Linear Technology

Part # LT8610
Description  40V, 1A Synchronous Step-Down Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8610 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT8610 Datasheet HTML 9Page - Linear Technology LT8610 Datasheet HTML 10Page - Linear Technology LT8610 Datasheet HTML 11Page - Linear Technology LT8610 Datasheet HTML 12Page - Linear Technology LT8610 Datasheet HTML 13Page - Linear Technology LT8610 Datasheet HTML 14Page - Linear Technology LT8610 Datasheet HTML 15Page - Linear Technology LT8610 Datasheet HTML 16Page - Linear Technology LT8610 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LTC3646/LTC3646-1
13
36461fc
For more information www.linear.com/LTC3646
APPLICATIONS INFORMATION
usually about 3 times the linear drop of the first cycle.
Thus, a good place to start is with the output capacitor
size of approximately:
COUT ≈
3 • ∆IOUT
fO • VDROOP
Thoughthisequationprovidesagoodapproximation,more
capacitance may be required depending on the duty cycle
and load step requirements. The actual VDROOP should be
verified by applying a load step to the output.
Using Ceramic Input and Output Capacitors
Higher value, lower cost ceramic capacitors are now
available in small case sizes. Their high voltage rating
and low ESR make them ideal for switching regulator ap-
plications. However, due to the self-resonant and high-Q
characteristics of some types of ceramic capacitors, care
must be taken when these capacitors are used at the input
and output. When a ceramic capacitor is used at the input,
and the power is supplied by a wall adapter through long
wires, a load step at the output can induce ringing at the
VIN input. At best, this ringing can couple to the output and
be mistaken as loop instability. At worst, a sudden inrush
of current through the long wires can potentially cause a
voltage spike at VIN large enough to damage the part. For
a more detailed discussion, refer to Application Note 88.
When choosing the input and output ceramic capacitors
choose the X5R or X7R dielectric formulations. These
dielectrics provide the best temperature and voltage
characteristics for a given value and size.
INTVCC Regulator and EXTVCC
An internal low dropout (LDO) regulator produces a 5V
supplyvoltageusedtopowermuchoftheinternalLTC3646
circuitry including the power MOSFET gate drivers. The
INTVCC pin connects to the output of this regulator and
should have 4.7μF of decoupling capacitance to ground.
The decoupling capacitor should have low impedance
electrical connections to the INTVCC and PGND pins to
provide the transient currents required by the LTC3646.
The user may draw a maximum load current of 5mA from
this pin but must take into account the increased power
dissipation and die temperature that results. Furthermore,
this supply is intended only to supply additional DC load
currents as desired; it is not intended to regulate large
transient or AC behavior as this may impact LTC3646
operation.
Alternatively, if a suitable supply is available or can be
generated, the power required to operate the low voltage
circuitry of the LTC3646 can be supplied through the
EXTVCC pin. When the voltage on the EXTVCC pin is be-
low 4.5V, the chip power is supplied by the internal LDO.
As shown in the Block Diagram, when EXTVCC is above
4.5V, the internal LDO is shut off, and an internal switch
is closed between the EXTVCC and INTVCC pins. Connect
EXTVCC to SGND if an external supply meeting these con-
straints is not available.If the voltage on the EXTVCC pin is
efficiently generated, this will result in the highest overall
system efficiency and the least amount of heat generated
by the LTC3646. This effectively decreased the no-load
quiescent current by a factor of VOUT/VIN. This topic is
further discussed in the Thermal Considerations section.
Boost Capacitor and Diode
Theboostcapacitor,CBOOST,isusedtocreateavoltagerail
above the applied input voltage VIN. Specifically, the boost
capacitor is charged to a voltage equal to approximately
INTVCC each time the bottom power MOSFET is turned
on. The charge on this capacitor is then used to supply
the required transient current during the remainder of the
switching cycle. When the top MOSFET is turned on, the
BOOST pin voltage will be equal to approximately VIN +
INTVCC. For most applications a 0.1μF ceramic capacitor
will provide adequate performance.
An internal switch is used to charge the boost capacitor
when the synchronous MOSFET is turned on. An external
Schottky diode can be connected between BOOST and
INTVCC in parallel with this switch in order to improve
the capacitor refresh. For best performance and sufficient
design margin an external diode must be used in circuits
where VOUT is programmed to be above 12V or the IC
operates at a die temperature above 85°C. Forward cur-
rents through this diode are small, on the order of 10mA
to 20mA, but the diode chosen must have low reverse
leakage current at the expected voltage and temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com