Electronic Components Datasheet Search
  English  ▼

X  

LT8610 Datasheet(PDF) 3 Page - Linear Technology

Part # LT8610
Description  40V, 1A Synchronous Step-Down Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8610 Datasheet(HTML) 3 Page - Linear Technology

  LT8610 Datasheet HTML 1Page - Linear Technology LT8610 Datasheet HTML 2Page - Linear Technology LT8610 Datasheet HTML 3Page - Linear Technology LT8610 Datasheet HTML 4Page - Linear Technology LT8610 Datasheet HTML 5Page - Linear Technology LT8610 Datasheet HTML 6Page - Linear Technology LT8610 Datasheet HTML 7Page - Linear Technology LT8610 Datasheet HTML 8Page - Linear Technology LT8610 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LTC3646/LTC3646-1
3
36461fc
For more information www.linear.com/LTC3646
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2), PVIN = SVIN = 12V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Supply (PVIN, SVIN)
VIN
Input Voltage Operating Range
l
4.0
40
V
VIN(OV)
Input Supply Overvoltage Lockout
VIN Rising
Hysteresis (VIN Falling)
l
l
43.5
2.0
46
2.5
2.9
V
V
VIN(UV)
Input Supply Undervoltage Lockout
VIN Falling
Hysteresis (VIN Rising)
3.2
3.35
250
3.5
V
mV
IQ
DC Supply Current (Note 3)
Forced Continuous
Sleep Mode
Shutdown Mode
VRUN = 0V
620
140
8
875
190
µA
µA
µA
Main Control Loop
VOUT
Output Voltage Range (Note 4)
LTC3646
LTC3646-1
2.0
0.6
30
15
V
V
VFB
Feedback Reference Voltage
–40°C < TA < 85°C
l
0.594
0.591
0.6
0.6
0.606
0.609
V
V
Feedback Voltage Line Regulation
VIN = 4.0V to 40V, ITH = 1.5V
0.05
%/V
Feedback Voltage Load Regulation
ITH = 1.0V to 1.8V
0.12
%
Feedback Input Current
VFB = 0.6V
l
0
±20
nA
gm(EA)
Error Amplifier Transconductance
External Comp
300
µS
tON(MIN)
Minimum On-Time
VIN = 40V, RRT = 30k, VON = 2V
30
ns
tOFF(MIN)
Minimum Off-Time
80
ns
ILIM
Valley Switch Current Limit
l
0.9
1.2
1.5
A
Negative Valley Switch Current Limit
–0.3
A
Internal Oscillator Frequency
VRT = VINTVCC
RRT = 450kΩ
RRT = 60kΩ
RRT = 30kΩ
1.6
0.19
1.25
2.55
2.25
0.2
1.5
3.0
2.95
0.27
1.75
3.45
MHz
MHz
MHz
MHz
External Clock Frequency Range
0.2
3.0
MHz
RDS(ON)
Top Switch On-Resistance (Note 5)
Bottom Switch On-Resistance (Note 5)
VIN = 5.5V
VIN = 5.5V
200
120
mΩ
mΩ
Switch Leakage
VIN = VSW = 40V, VRUN = 0V
VIN = 40V, VSW = 0V, VRUN = 0V
±1
±1
µA
µA
Internal VCC Regulator
VINTVCC
INTVCC Voltage
IINTVCC = 5mA
l
4.8
5.0
5.2
V
INTVCC Load Regulation (Note 6)
IINTVCC = 0mA to 5mA
0.5
%
INTVCC Undervoltage Lockout
INTVCC Falling
3.0
V
INTVCC UVLO Hysteresis
0.3
V
EXTVCC Switchover Voltage
EXTVCC Rising
4.25
4.5
4.65
V
EXTVCC Hysteresis
200
mV
Operation
VRUN
RUN Pin Threshold
RUN Rising
RUN Falling
Hysteresis
1.17
1.06
1.21
1.10
110
1.26
1.14
V
V
mV
RUN Pin Leakage Current
RUN = 1.3V
0
±1
µA
VPGOOD(UT)
PGOOD Overvoltage Threshold
FB Rising
FB Falling
5.0
3.5
7.5
5
10
%VFB
%VFB
VPGOOD(LT)
PGOOD Undervoltage Threshold
FB Falling
FB Rising
–5.0
–3.5
–7.5
–5
–10
%VFB
%VFB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com