Electronic Components Datasheet Search
  English  ▼

X  

LT8610 Datasheet(PDF) 19 Page - Linear Technology

Part # LT8610
Description  40V, 1A Synchronous Step-Down Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8610 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT8610 Datasheet HTML 15Page - Linear Technology LT8610 Datasheet HTML 16Page - Linear Technology LT8610 Datasheet HTML 17Page - Linear Technology LT8610 Datasheet HTML 18Page - Linear Technology LT8610 Datasheet HTML 19Page - Linear Technology LT8610 Datasheet HTML 20Page - Linear Technology LT8610 Datasheet HTML 21Page - Linear Technology LT8610 Datasheet HTML 22Page - Linear Technology LT8610 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
LTC3646/LTC3646-1
19
36461fc
For more information www.linear.com/LTC3646
Thermal Considerations
The LTC3646 requires the exposed package backplane
metal (PGND) to be well soldered to the PC board to pro-
vide good thermal contact. This gives the DFN and MSOP
packages exceptional thermal properties, compared to
other packages of similar size, making it difficult in normal
operation to exceed the maximum junction temperature
of the part. In many applications, the LTC3646 does not
generate much heat due to its high efficiency. However,
in applications in which the LTC3646 is running at a high
ambient temperature, high input voltage, high switching
frequency, and maximum output current, the heat dissi-
pated may cause the part to exceed the maximum allowed
junction temperature. If the junction temperature reaches
approximately 175°C, both power switches will be turned
off until temperature decreases approximately 10°C.
Thermal analysis should always be performed by the user
to ensure the LTC3646 does not exceed the maximum
junction temperature.
The temperature rise is given by:
tRISE = PD θJA
where PD is the power dissipated by the regulator and
θJA is the thermal resistance from the junction of the
die to the ambient. Consider the example in which an
LTC3646IDE-1 is operating with IOUT = 1.0A, SVIN = 12V,
f = 3MHz, VOUT = 1.8V, and a board temperature of 85°C.
From the Typical Performance Characteristics section, the
RDS(ON) of the top switch is found to be nominally 200mΩ
while that of the bottom switch is nominally 120mΩ
yielding an equivalent power MOSFET resistance RSW of:
RDS(ON)TOP •1.8
12
+
RDS(ON)BOT •10.2
12
= 132mΩ
From the previous section, IGATECHG + IQ is ~15mA when
f = 3MHz. Therefore, the total power dissipation due to
resistive losses and LDO losses is:
PD = IOUT2 • RSW + SVIN • (IGATECHG + IQ)
PD = (1.0)2 • (0.132) + 12V • 15mA = 312mW
and the transition loss is:
PT = 1.0 • 122 • 10–10 • 3.0 • 106 = 43mW
APPLICATIONS INFORMATION
TheDFN4mm×3mmpackagejunction-to-ambientthermal
resistance, θJA, is approximately 43°C/W. Therefore, the
junction temperature of the regulator operating in a 85°C
ambient temperature is approximately:
TJ = (0.312 + 0.043) • 43 + 85 = 100°C
which is below the specified maximum junction tempera-
ture of 125°C.
High input voltage, high frequency applications may cause
the internal LDO to generate significant heat. The INTVCC
current, which is dominated by the gate charge current,
may be supplied by either the SVIN LDO or through the
EXTVCC pin. When the voltage on the EXTVCC pin is less
than4.5V,theVINLDOisenabled.Powerdissipationforthe
IC in this case is highest and is equal to SVIN • IINTVCC. The
gate charge current is dependent on operating frequency
as discussed in the Efficiency Considerations section. For
example, the LTC3646 INTVCC current is approximately
15mA at 3MHz operation. If VIN is at the 40V maximum,
the loss in the on-chip LDO is:
40V • 0.015A = 0.60W
In these situations it will be advantageous to bias the
part through the EXTVCC pin if a suitable voltage source
is available. When the voltage applied to EXTVCC rises
above 4.5V (maximum 6.0V), the SVIN LDO is turned off
and an internal switch between the EXTVCC and INTVCC
pins is closed. This voltage is unregulated and so in this
situation, INTVCC = EXTVCC.
Using EXTVCC allows the control power to be derived from
the output if the output voltage is between 4.5V and 6.0V
during normal operation and from the SVIN LDO when the
output is out of regulation (e.g., start-up, short-circuit).
Significant efficiency and thermal gains can be realized by
powering INTVCC from the output, since the power needed
for the driver and control currents will be supplied from
the buck converter instead of the internal linear regulator.
For 4.5V to 6V regulator outputs, this means connecting
the EXTVCC pin directly to VOUT. Tying the EXTVCC pin to a
5.5V supply reduces the dissipated power in the previous
example from 0.60W to approximately:
5.5V • 0.015A = 82.5mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com