Electronic Components Datasheet Search
  English  ▼

X  

74HC7404D Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74HC7404D
Description  5-Bit x 64-word FIFO register; 3-state
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC7404D Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74HC7404D Datasheet HTML 4Page - NXP Semiconductors 74HC7404D Datasheet HTML 5Page - NXP Semiconductors 74HC7404D Datasheet HTML 6Page - NXP Semiconductors 74HC7404D Datasheet HTML 7Page - NXP Semiconductors 74HC7404D Datasheet HTML 8Page - NXP Semiconductors 74HC7404D Datasheet HTML 9Page - NXP Semiconductors 74HC7404D Datasheet HTML 10Page - NXP Semiconductors 74HC7404D Datasheet HTML 11Page - NXP Semiconductors 74HC7404D Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
September 1993
8
Philips Semiconductors
Product specification
5-Bit x 64-word FIFO register; 3-state
74HC/HCT7404
tW
DIR pulse width
HIGH
10
5
4
41
15
12
130
26
22
8
4
3
165
33
28
8
4
3
195
39
33
ns
ns
ns
2.0
4.5
6.0
Fig.8
tW
DOR pulse
width HIGH
14
7
6
52
19
15
160
32
27
12
6
5
200
40
34
12
6
5
240
48
41
ns
ns
ns
2.0
4.5
6.0
Fig.11
tW
MR pulse
width LOW
120
24
20
39
14
11
−
−
−
150
30
26
−
−
−
180
36
31
−
−
−
ns
ns
ns
2.0
4.5
6.0
Fig.9
trem
removal time
MR to SI
80
16
14
24
8
7
−
−
−
100
20
17
−
−
−
120
24
20
−
−
−
ns
ns
ns
2.0
4.5
6.0
Fig.16
tsu
set-up time
Dn to SI
−8
−4
−3
−36
−13
−10
−
−
−
−6
−3
−3
−
−
−
−6
−3
−3
−
−
−
ns
ns
ns
2.0
4.5
6.0
Fig.14
th
hold time
Dn to SI
135
27
23
44
16
13
−
−
−
170
34
29
−
−
−
205
41
35
−
−
−
ns
ns
ns
2.0
4.5
6.0
Fig.14
fmax
maximum clock
pulse frequency
SI, SO burst
mode
3.6
18
21
9.9
30
36
−
−
−
2.8
14
16
−
−
−
2.4
12
14
−
−
−
MHz
MHz
MHz
2.0
4.5
6.0
Fig.12 and
Fig.13
fmax
maximum clock
pulse frequency
SI, SO using
flags
3.6
18
21
9.9
30
36
−
−
−
2.8
14
16
−
−
−
2.4
12
14
−
−
−
MHz
MHz
MHz
2.0
4.5
6.0
Fig.7 and
Fig.10
fmax
maximum clock
pulse frequency
SI, SO
cascaded
−
−
−
7.6
23
27
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
MHz
MHz
MHz
2.0
4.5
6.0
Fig.7 and
Fig.10
SYMBOL
PARAMETER
Tamb °C
UNIT
TEST CONDITION
+25
−40 to +85
−40 to +125
VCC
(V)
WAVEFORMS
MIN
TYP
MAX
MIN
MAX
MIN
MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com