Electronic Components Datasheet Search
  English  ▼

X  

74HC7404D Datasheet(PDF) 19 Page - NXP Semiconductors

Part # 74HC7404D
Description  5-Bit x 64-word FIFO register; 3-state
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC7404D Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button 74HC7404D Datasheet HTML 15Page - NXP Semiconductors 74HC7404D Datasheet HTML 16Page - NXP Semiconductors 74HC7404D Datasheet HTML 17Page - NXP Semiconductors 74HC7404D Datasheet HTML 18Page - NXP Semiconductors 74HC7404D Datasheet HTML 19Page - NXP Semiconductors 74HC7404D Datasheet HTML 20Page - NXP Semiconductors 74HC7404D Datasheet HTML 21Page - NXP Semiconductors 74HC7404D Datasheet HTML 22Page - NXP Semiconductors 74HC7404D Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
September 1993
19
Philips Semiconductors
Product specification
5-Bit x 64-word FIFO register; 3-state
74HC/HCT7404
Fig.14 Waveforms showing hold and set-up times for Dn input to SI input.
The shaded areas indicate when the input is permitted to change for predictable output performance.
handbook, full pagewidth
SI INPUT
MGA657
VM
(1)
Dn INPUT
t su
t h
VM
(1)
t su
t h
(1) HC
:
VM = 50%; VI = GND to VCC.
HCT :
VM = 1.3 V; VI = GND to 3 V.
Fig.15 Waveforms showing SO input to Qn output propagation delays and output transition time.
handbook, full pagewidth
t THL
t TLH
t PLH
MGA664
VM
(1)
SO INPUT
Qn OUTPUT
VM
(1)
t PHL
(1) HC
:
VM = 50%; VI = GND to VCC.
HCT :
VM = 1.3 V; VI = GND to 3 V.
Fig.16 Waveform showing the MR input to SI input removal time.
handbook, halfpage
MGA665
t rem
SI INPUT
MR INPUT
VM
(1)
VM
(1)
(1) HC
:
VM = 50%; VI = GND to VCC.
HCT :
VM = 1.3 V; VI = GND to 3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com