Electronic Components Datasheet Search
  English  ▼

X  

74HC7404D Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74HC7404D
Description  5-Bit x 64-word FIFO register; 3-state
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC7404D Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74HC7404D Datasheet HTML 6Page - NXP Semiconductors 74HC7404D Datasheet HTML 7Page - NXP Semiconductors 74HC7404D Datasheet HTML 8Page - NXP Semiconductors 74HC7404D Datasheet HTML 9Page - NXP Semiconductors 74HC7404D Datasheet HTML 10Page - NXP Semiconductors 74HC7404D Datasheet HTML 11Page - NXP Semiconductors 74HC7404D Datasheet HTML 12Page - NXP Semiconductors 74HC7404D Datasheet HTML 13Page - NXP Semiconductors 74HC7404D Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
September 1993
10
Philips Semiconductors
Product specification
5-Bit x 64-word FIFO register; 3-state
74HC/HCT7404
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr = tf = 6 ns; CL = 50 pF.
SYMBOL
PARAMETER
Tamb °C
UNIT
TEST CONDITION
+25
−40 to +85
−40 to +125
VCC
(V)
WAVEFORMS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPHL/tPLH
propagation
delay
MR to DIR,
DOR
−
30
51
−
53
−
63
ns
4.5
Fig.9
tPHL
propagation
delay
MR to Qn
−
22
38
−
48
−
57
ns
4.5
Fig.9
tPHL/tPLH
propagation
delay
SI to DIR
−
25
43
−
54
−
65
ns
4.5
Fig.7
tPHL/tPLH
propagation
delay
SO to DOR
−
36
61
−
76
−
92
ns
4.5
Fig.10
tPHL/tPLH
propagation
delay
SO to Qn
−
42
72
−
90
−
108
ns
4.5
Fig.15
tPHL/tPLH
propagation
delay
DOR to Qn
−
712
−
15
−
18
ns
4.5
Fig.11
tPLH
propagation
delay/ripple
through delay
SI to DOR
−
0.8
1.4
−
1.75
−
2.1
µs
4.5
Fig.11
tPLH
propagation
delay/bubble-
up delay
SO to DIR
−
1
1.8
−
2.25
−
2.7
µs
4.5
Fig.8
tPZH/tPZL
3-state output
enable
OE to Qn
−
16
30
−
38
−
45
ns
4.5
Fig.17
tPHZ/tPLZ
3-state output
disable
OE to Qn
−
19
30
−
38
−
45
ns
4.5
Fig.17
tTHL/tTLH
output
transition time
−
512
−
15
−
18
ns
4.5
Fig.17
tW
SI pulse width
HIGH or LOW
95
−
6
−
8
−
ns
4.5
Fig.7
tW
SO pulse width
HIGH or LOW
14
8
−
18
−
21
−
ns
4.5
Fig.10
tW
DIR pulse width
HIGH
5
17
29
4
36
4
44
ns
4.5
Fig.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com