Electronic Components Datasheet Search
  English  ▼

X  

DDR12 Datasheet(PDF) 5 Page - Artesyn Technologies

Part # DDR12
Description  Tracking Dual Output DC-DC Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DDR12 Datasheet(HTML) 5 Page - Artesyn Technologies

  DDR12 Datasheet HTML 1Page - Artesyn Technologies DDR12 Datasheet HTML 2Page - Artesyn Technologies DDR12 Datasheet HTML 3Page - Artesyn Technologies DDR12 Datasheet HTML 4Page - Artesyn Technologies DDR12 Datasheet HTML 5Page - Artesyn Technologies DDR12 Datasheet HTML 6Page - Artesyn Technologies DDR12 Datasheet HTML 7Page - Artesyn Technologies DDR12 Datasheet HTML 8Page - Artesyn Technologies DDR12 Datasheet HTML 9Page - Artesyn Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
DDR12 Series | Tracking Dual Output
DC-DC Converters
5
www.artesyn.com
File Name: lf_ddr12.pdf Rev: 29 Nov 2005
Input Characteristics
Electrical Charact. - Vddq O/P
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Nominal set-point voltage
Vddq (nom)
2.316
Vdc
With no external trim resistor
Output voltage range
Vddq
2.316
2.750
Vdc
For details on trimming the
output voltage see
Application Note 133
Output set-point accuracy
±1.5
±2.5
%
Using 1% trim resistors
measured at minimum load
Load regulation
+0/-1
+1/-2
%
Vary load with line held constant
(Voltage typically drops with load)
Line regulation
±0.1
±0.2
%
Vary line with load held constant
Cross regulation
±0.4
±0.6
Vary load on Vtt with load on
Vddq held constant
Temperature co-efficient
0.2
mV/ºC
Ripple and noise
50
mV pk-pk
With recommended external
load capacitance and
5 Hz to 20 MHz bandwidth
Load transient response -
3
%
Peak deviation for 75% to 100%
peak deviation
step load, di/dt = 0.04 A/µs
Load transient response -
200
µs
Settling time to within 1% of
recovery
output setpoint voltage for
75% to 100% step load
External load capacitance
Cext (Vddq)
1000
1680
3000
µF
Recommended 3 x 560 µF with
total ESR of 5 m
Ω and additional
high-quality ceramic capacitors.
Consult factory for other capacitance
Overshoot
2.0
%
Nominal output at turn-on
Undershoot
150
mVdc
Output current - continuous
Iddq
1.5
25
Adc
Output current - short circuit
Isc-ddq
0
A rms
Latching short circuit protection
power or enable needs to be
cycled
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Input current - operating
Iin
7.2
Adc
Reflected ripple current
Iin (ripple)
35
mA rms
measured with external filter.
50
mA pk-pk See Application Note 133 for
details
Input capacitance - internal
Cinput
420
µF
filter
Input capacitance - external
Cbypass
10
µF
Use large value ceramic
filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com