Electronic Components Datasheet Search
  English  ▼

X  

DDR12 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # DDR12
Description  Tracking Dual Output DC-DC Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DDR12 Datasheet(HTML) 1 Page - Artesyn Technologies

  DDR12 Datasheet HTML 1Page - Artesyn Technologies DDR12 Datasheet HTML 2Page - Artesyn Technologies DDR12 Datasheet HTML 3Page - Artesyn Technologies DDR12 Datasheet HTML 4Page - Artesyn Technologies DDR12 Datasheet HTML 5Page - Artesyn Technologies DDR12 Datasheet HTML 6Page - Artesyn Technologies DDR12 Datasheet HTML 7Page - Artesyn Technologies DDR12 Datasheet HTML 8Page - Artesyn Technologies DDR12 Datasheet HTML 9Page - Artesyn Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DDR12 SERIES
Dual output
DDR12 Series | Tracking Dual Output
DC-DC Converters
1
[ 2 YEAR WARRANTY ]
High current dual-output power module for DDR memory
Single compact module provides 25 A @ 2.5 V for Vddq supply and 8 A @ 1.25 V for Vtt
termination
Tracking dual output voltages (1.25 V @ 8 A, 2.5 V @ 25 A)
Output voltage remote sense
Sink capability for logic terminations
Power good output signal
Overvoltage protection
Overcurrent protection
Remote ON/OFF
Available RoHS compliant
The dual output DDR12-25D08-AJ is
specifically designed to meet the power
needs of double data rate memory DIMMS
and associated memory control logic. The
Vtt output tracks the Vddq output, while the
Vtt output can sink current as required by
logic terminations.
This converter offers
typical efficiencies greater than 84% when
operated at 50% load or greater. This
model features a wide input range as well
as trimmable output voltages.
Remote sense on Vddq and remote
ON/OFF facilities are included as standard,
and the converter is protected against over-
current and over-voltage conditions.
File Name: lf_ddr12.pdf Rev: 29 Nov 2005


Similar Part No. - DDR12

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DDR12 EMERSON-NETWORKPOWER-DDR12 Datasheet
248Kb / 3P
DC-DC CONVERTERS
DDR12-25D08-AJ EMERSON-NETWORKPOWER-DDR12-25D08-AJ Datasheet
248Kb / 3P
DC-DC CONVERTERS
More results

Similar Description - DDR12

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMA-1 CANDD-NMA-1 Datasheet
171Kb / 2P
Isolated 1W Dual Output DC-DC Converters
NMH CANDD-NMH Datasheet
111Kb / 2P
Isolated 2W Dual Output DC-DC Converters
NMH05055 CANDD-NMH05055 Datasheet
111Kb / 2P
ISOLATED 2W DUAL OUTPUT DC-DC CONVERTERS
logo
Bel Fuse Inc.
V7PC-10AT5 BEL-V7PC-10AT5 Datasheet
122Kb / 2P
NON-ISOLATED DC/DC CONVERTERS 12V Input / 50% Tracking Output / 10A
logo
Extech Instruments Corp...
382285 EXTECH-382285 Datasheet
175Kb / 1P
Dual Tracking, Triple Output DC Power Supply
logo
Murata Manufacturing Co...
BWR-5 MURATA-BWR-5 Datasheet
151Kb / 5P
7-10W, Dual Output DC/DC converters
BWR-12 MURATA-BWR-12 Datasheet
136Kb / 4P
3 Watt, Dual Output DC/DC Converters
logo
Microdc power Technolog...
2A-XSD MICRODC-2A-XSD Datasheet
632Kb / 4P
Isolated 2W Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NDH2415SC MURATA-NDH2415SC Datasheet
113Kb / 4P
Isolated 3W Dual Output DC/DC Converters
logo
Murata Power Solutions ...
NMH MURATA-PS-NMH Datasheet
272Kb / 6P
Isolated 2W Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com