Electronic Components Datasheet Search
  English  ▼

X  

DDR12 Datasheet(PDF) 6 Page - Artesyn Technologies

Part # DDR12
Description  Tracking Dual Output DC-DC Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DDR12 Datasheet(HTML) 6 Page - Artesyn Technologies

Back Button DDR12 Datasheet HTML 2Page - Artesyn Technologies DDR12 Datasheet HTML 3Page - Artesyn Technologies DDR12 Datasheet HTML 4Page - Artesyn Technologies DDR12 Datasheet HTML 5Page - Artesyn Technologies DDR12 Datasheet HTML 6Page - Artesyn Technologies DDR12 Datasheet HTML 7Page - Artesyn Technologies DDR12 Datasheet HTML 8Page - Artesyn Technologies DDR12 Datasheet HTML 9Page - Artesyn Technologies DDR12 Datasheet HTML 10Page - Artesyn Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SXA10 Series
| 15W DC/DC
DDR12 Series | Tracking Dual Output
DC-DC Converters
6
Efficiency
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Efficiency
η
84
%
Full load
Electrical Charact. - Vtt O/P
Protection and Control Features
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Overcurrent limit inception
Iddq
36
Adc
Itt
14
Adc
File Name: lf_ddr12.pdf Rev: 29 Nov 2005
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Tracking accuracy
12
25
mV
Measured at converter pins
(=Vddq/2 - Vtt)
Ripple and noise
30
mV pk-pk With recommended external
load capacitance and
5 Hz to 20 MHz bandwidth
Load transient response -
3
%
Peak deviation for 75% to 100%
peak deviation
step load, di/dt = 8 A/µs
Load transient response -
200
µs
Settling time to within 1% of
recovery
output setpoint voltage for
75% to 100% step load
External load capacitance
Cext (Vtt)
1000
1680
3000
µF
Recommended 3 x 560 µF with
total ESR of 5 m
Ω and additional
high-quality ceramic capacitors.
Consult factory for other capacitance
Output current - continuous
Itt
0
8
Adc
Output current - short circuit
Isc-tt
0
A rms
Latching short circuit protection
power or enable needs to be
cycled



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com