Electronic Components Datasheet Search
  English  ▼

X  

DDR12 Datasheet(PDF) 9 Page - Artesyn Technologies

Part # DDR12
Description  Tracking Dual Output DC-DC Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DDR12 Datasheet(HTML) 9 Page - Artesyn Technologies

Back Button DDR12 Datasheet HTML 3Page - Artesyn Technologies DDR12 Datasheet HTML 4Page - Artesyn Technologies DDR12 Datasheet HTML 5Page - Artesyn Technologies DDR12 Datasheet HTML 6Page - Artesyn Technologies DDR12 Datasheet HTML 7Page - Artesyn Technologies DDR12 Datasheet HTML 8Page - Artesyn Technologies DDR12 Datasheet HTML 9Page - Artesyn Technologies DDR12 Datasheet HTML 10Page - Artesyn Technologies DDR12 Datasheet HTML 11Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
DDR12 Series | Tracking Dual Output
DC-DC Converters
9
www.artesyn.com
File Name: lf_ddr12.pdf Rev: 29 Nov 2005
3.000
(76.20)
PIN 1
PIN 7
PIN 8
PIN 22
0.025
(0.64) Typ
0.100
(2.54) Typ
0.250
(6.35)
1.100
(27.94)
0.050
(1.30) TYP.
0.025
(0.64) TYP.
Dimensions in Inches (mm)
Tolerances (unless otherwise specified)
2 Places
±0.02 (±0.51)
3 Places
±0.010 (±0.25)
Figure 10: Mechanical Drawing and Pinout Table
Pin Connections
Pin No.
Function
Pin No.
Function
J1-1
Power Good
J2-5
Ground
J1-2
Output Enable
J2-6
Ground
J1-3
Ground
J2-7
Ground
J1-4
Ground
J2-8
Ground
J1-5
12V Input
J2-9
Vddq Sense -
J1-6
12V Input
J2-10
Vddq Sense +
J1-7
12V Input
J2-11
Vddq
J2-1
Vtt Ref.
J2-12
Vddq
J2-2
Vtt
J2-13
Vddq
J2-3
Vtt
J2-14
Vddq
J2-4
Ground
J2-15
Vddq



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com