Electronic Components Datasheet Search
  English  ▼

X  

LDO03C Datasheet(PDF) 4 Page - Artesyn Technologies

Part # LDO03C
Description  Single Output C Class Non-Isolated DC/DC Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LDO03C Datasheet(HTML) 4 Page - Artesyn Technologies

  LDO03C Datasheet HTML 1Page - Artesyn Technologies LDO03C Datasheet HTML 2Page - Artesyn Technologies LDO03C Datasheet HTML 3Page - Artesyn Technologies LDO03C Datasheet HTML 4Page - Artesyn Technologies LDO03C Datasheet HTML 5Page - Artesyn Technologies LDO03C Datasheet HTML 6Page - Artesyn Technologies LDO03C Datasheet HTML 7Page - Artesyn Technologies LDO03C Datasheet HTML 8Page - Artesyn Technologies LDO03C Datasheet HTML 9Page - Artesyn Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
LDO03C Series | 3 A DC-DC
C Class Non-Isolated DC/DC Converter
File Name: lf_Ldo03c.pdf Rev: (01) 12 Apr 2006
Environmental Specifications
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Thermal performance
0
70
˚C
(See Note 1 and individual derat-
ing curves)
Type
Parameter
Reference
Test Level
Notes and Conditions
Air temperature operating
Air temperature non-operating
0 ˚C to 70 ˚C
-40 ˚C to 125 ˚C
Max. rate of change is 30 degrees
per hour while operating and 20
degrees per hour while non-
operating
Relative humidity - operating
Relative humidity - non-operating
80%
100%
With non-condensing
Excluding rain during parts
shipment
Vibration - operating
Sinusoidal vibration, 0.5 G (0 to
peak) acceleration.
Vibration - non-operating
Sinusoidal vibration, 1.0 G (0 to
peak)
Shock
Acceleration
Non-operating square wave
40 G, square wave at 200 in/s
(508 cm/s); on all six sides
Non-operating half sine
Half sine pulse for 70 in/s (178
cm/s) for 2 ms; on all sides except
top
Operating half sine
Half sine pulse for 40 in/s (102
cm/s) for 2 ms; on all sides except
top
4
Other Specifications
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Switching frequency
Fsw
1.5
MHz
Weight
1.7
g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com