Electronic Components Datasheet Search
  English  ▼

X  

LDO03C Datasheet(PDF) 10 Page - Artesyn Technologies

Part # LDO03C
Description  Single Output C Class Non-Isolated DC/DC Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LDO03C Datasheet(HTML) 10 Page - Artesyn Technologies

Back Button LDO03C Datasheet HTML 6Page - Artesyn Technologies LDO03C Datasheet HTML 7Page - Artesyn Technologies LDO03C Datasheet HTML 8Page - Artesyn Technologies LDO03C Datasheet HTML 9Page - Artesyn Technologies LDO03C Datasheet HTML 10Page - Artesyn Technologies LDO03C Datasheet HTML 11Page - Artesyn Technologies LDO03C Datasheet HTML 12Page - Artesyn Technologies LDO03C Datasheet HTML 13Page - Artesyn Technologies LDO03C Datasheet HTML 14Page - Artesyn Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
LDO03C Series | 3 A DC-DC
C Class Non-Isolated DC/DC Converter
File Name: lf_Ldo03c.pdf Rev: (01) 12 Apr 2006
10
12 V Model
5 V Setpoint
Electrical Characteristics
- O/P
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Nominal set-point voltage
Vo (nom)
4.95
5.00
5.05
Vdc
Vin = Vin (nom); Iout = Iout
(nom)
Line regulation
±0.2
%
Iout = Iout (nom); Vin (min) to
Vin (max)
Load regulation
±0.5
%
Vin = Vin (nom); Iout (min) to
Iout (max)
Output current - continuous
Iout
0
3.0
Adc
Output current - short circuit
Isc
6.00
Apk
Continuous, unit auto recovers
from short
Output voltage - noise Vrms
mVp-p
50
mV pk-pk
Measurement band width
20 MHz
See Application Note 186 for
details
12 V Model
5 V Setpoint
Input Characteristics
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Input current - operating
1.4
Adc
Vin = Vin (nom); Iout = Iout
(max); Vo = V0 (nom)
Internal to converter
Input capacitance - internal
filter
Cinput
10
µ
F
Input capacitance - external
filter
Cbypass
1
µ
F
Recommended customer
added capacitance
12 V Model
5 V Setpoint
Electrical Characteristics
- O/P
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Load transient response -
park deviation
Load transient response
- recover
Vdynamic
Trecovery
235
15
mV
µ
s
Peak deviation for 50% to
100% step load, di/dt =
10 A/s
Settling time to within 1% of
output set point voltage for
50% to 75% step load
External load capacitance
Cext
0
500
µF
See Application Notes 186 for
output capacitance values vs.
stability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com